Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS64GSSD25S-M Datasheet(PDF) 6 Page - Transcend Information. Inc.

Part # TS64GSSD25S-M
Description  2.5??Solid State Disk
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS64GSSD25S-M Datasheet(HTML) 6 Page - Transcend Information. Inc.

Back Button TS64GSSD25S-M Datasheet HTML 2Page - Transcend Information. Inc. TS64GSSD25S-M Datasheet HTML 3Page - Transcend Information. Inc. TS64GSSD25S-M Datasheet HTML 4Page - Transcend Information. Inc. TS64GSSD25S-M Datasheet HTML 5Page - Transcend Information. Inc. TS64GSSD25S-M Datasheet HTML 6Page - Transcend Information. Inc. TS64GSSD25S-M Datasheet HTML 7Page - Transcend Information. Inc. TS64GSSD25S-M Datasheet HTML 8Page - Transcend Information. Inc. TS64GSSD25S-M Datasheet HTML 9Page - Transcend Information. Inc. TS64GSSD25S-M Datasheet HTML 10Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
T
T
TS
S
S8
8
8G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S
T
T
TS
S
S1
1
16
6
6G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S///M
M
M
T
T
TS
S
S3
3
32
2
2G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S///M
M
M
T
T
TS
S
S6
6
64
4
4G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S///M
M
M
T
T
TS
S
S1
1
12
2
28
8
8G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---M
M
M
T
T
TS
S
S1
1
19
9
92
2
2G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---M
M
M
2.5” Solid State Disk
Transcend Information Inc.
V2.4
6
Pin Assignments
Pin No.
Pin Name
Pin No.
Pin Name
01
GND
02
A+
03
A-
04
GND
05
B-
06
B+
07
GND
08
NC
09
NC
10
NC
11
GND
12
GND
13
GND
14
5V
15
5V
16
5V
17
GND
18
GND
19
GND
20
NC
21
NC
22
NC
Pin Layout


Similar Part No. - TS64GSSD25S-M

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS64GSSD18M-M TRANSCEND-TS64GSSD18M-M Datasheet
800Kb / 32P
   1.8??Portable Solid State Drive
TS64GSSD370S TRANSCEND-TS64GSSD370S Datasheet
366Kb / 3P
   SATA III 6Gb/s SSD370S
More results

Similar Description - TS64GSSD25S-M

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
logo
Transcend Information. ...
TS2GSSD10-M TRANSCEND-TS2GSSD10-M Datasheet
295Kb / 11P
   1.0??Solid State Disk
logo
Apacer Technology Inc.
PT120-M280 APACER-PT120-M280 Datasheet
1Mb / 5P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com