Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCD1830BSA1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCD1830BSA1
Description  BOARD TO BOARD/WIRE EDGE CARD - RIGHT ANGLE 2.54MM PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCD1830BSA1 Datasheet(HTML) 1 Page - Dubilier

  DBCD1830BSA1 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
215
BOARD TO BOARD/WIRE
EDGE CARD - RIGHT ANGLE 2.54MM PITCH
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Material & Finish
Insulator:
PBT, glass reinforced, rated UL 94V-0
Contact:
Phosphor Bronze
Electrical Characteristics
Rating Current:
3 Amp DC
Contact Resistance:
30 mΩ
Insulation Resistance:
3000 MΩ min.
Dielectric Voltage:
500v AC for 1 minute
Operating Temperature: -40°C to +105°C
Industry compatible
Competitively priced
Gold plated contacts
2.54mm pitch
DBC
D18
20
B
S
Dubilier
Connectors
Series
No.of
Contacts
20=20way
24=24way
26=26way
30=30way
34=34way
36=36way
40=40way
44=44way
50=50way
60=60way
72=72way
100=100way
ContactMaterial
B=Phosphor
Bronze
ContactPlating
S=Selective
Gold
ContactType
A=OpenType
B=ClosedType
A
Colour
1=Black
1
A
B
C
9.3
2.54
15.5
0.6*0.6
1.9
(OPEN TYPE)
(CLOSE TYPE)
19.6
2.54
8.0
19.6
2.54
8.0
Position
A
B
C
20
32.00
27.94
22.86
24
37.08
33.02
27.94
26
39.62
35.56
30.48
30
44.70
40.64
35.56
34
49.78
45.72
40.64
36
52.32
48.26
43.18
40
57.40
53.34
48.26
44
62.48
58.42
53.34
50
70.10
66.04
60.96
60
82.80
78.74
73.66
72
98.04
93.98
88.90
100
133.64
129.54
124.46


Similar Part No. - DBCD1830BSA1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCD16100BSA1 DUBILIER-DBCD16100BSA1 Datasheet
110Kb / 1P
   BOARD TO BOARD/WIRE EDGE CARD - STRAIGHT 2.54MM PITCH
DBCD16100BSB1 DUBILIER-DBCD16100BSB1 Datasheet
110Kb / 1P
   BOARD TO BOARD/WIRE EDGE CARD - STRAIGHT 2.54MM PITCH
DBCD1620BSA1 DUBILIER-DBCD1620BSA1 Datasheet
110Kb / 1P
   BOARD TO BOARD/WIRE EDGE CARD - STRAIGHT 2.54MM PITCH
DBCD1620BSB1 DUBILIER-DBCD1620BSB1 Datasheet
110Kb / 1P
   BOARD TO BOARD/WIRE EDGE CARD - STRAIGHT 2.54MM PITCH
DBCD1624BSA1 DUBILIER-DBCD1624BSA1 Datasheet
110Kb / 1P
   BOARD TO BOARD/WIRE EDGE CARD - STRAIGHT 2.54MM PITCH
More results

Similar Description - DBCD1830BSA1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCD1720BSA1 DUBILIER-DBCD1720BSA1 Datasheet
111Kb / 1P
   BOARD TO BOARD/WIRE EDGE CARD - RIGHT ANGLE 2.54MM PITCH
DBCD1620BSA1 DUBILIER-DBCD1620BSA1 Datasheet
110Kb / 1P
   BOARD TO BOARD/WIRE EDGE CARD - STRAIGHT 2.54MM PITCH
logo
Adam Technologies, Inc.
125SH-C-XX-TR-SMT-NP ADAM-TECH-125SH-C-XX-TR-SMT-NP Datasheet
83Kb / 1P
   PITCH WIRE TO BOARD HEADER RIGHT ANGLE
125SH-C-XX-TR-SMT-TR ADAM-TECH-125SH-C-XX-TR-SMT-TR Datasheet
89Kb / 1P
   PITCH WIRE TO BOARD HEADER RIGHT ANGLE
125SH-H-XX-TR ADAM-TECH-125SH-H-XX-TR Datasheet
91Kb / 1P
   PITCH WIRE TO BOARD HEADER RIGHT ANGLE
logo
List of Unclassifed Man...
4071-XXTXB ETC-4071-XXTXB Datasheet
167Kb / 1P
   2.54mm Wire to Board
Ver.No. B3
logo
Molex Electronics Ltd.
5023521410 MOLEX1-5023521410_17 Datasheet
36Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Right Angle
logo
Adam Technologies, Inc.
25SH-B-XX-MTS ADAM-TECH-25SH-B-XX-MTS Datasheet
79Kb / 1P
   WIRE TO BOARD PITCH
logo
Molex Electronics Ltd.
1718570009 MOLEX1-1718570009 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718571002 MOLEX1-1718571002 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com