Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLP1000CG200 Datasheet(PDF) 4 Page - Dubilier

Part # CLP1000CG200
Description  ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

CLP1000CG200 Datasheet(HTML) 4 Page - Dubilier

  CLP1000CG200 Datasheet HTML 1Page - Dubilier CLP1000CG200 Datasheet HTML 2Page - Dubilier CLP1000CG200 Datasheet HTML 3Page - Dubilier CLP1000CG200 Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758

CAPACITORS
ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
W.V.
Cap
Case Size
Max Ripple Current
[µF]
øDxL[mm]
[A] rms
(10Hz/5°C)
4700
25x50
3.60
80V
30x40
6800
30x50
4.10
35.5x40
1000
22.4x30
1.40
25x25
22.4x40
1500
25x30
1.70
30x25
22.4x45
1800
25x35
2.10
30x30
100V
22.4x50
2200
25x40
2.20
30x30
2700
25x45
2.64
30x35
3300
25x50
3.0
30x40
3900
30x45
3.40
35.5x35
4700
30x50
4.01
470
22.4x30
1.70
25x25
680
22.4x40
2.10
30x25
25x45
1000
30x35
2.70
35.5x30
160V 1500
30x45
3.50
35.5x35
1800
30x50
3.90
35.5x40
2200
35.5x45
4.50
22.4x35
470
25x30
1.80
30x25
25x50
200V 1000
30x40
2.80
35.5x30
1500
30x50
3.80
35.5x40
1800
35.5x45
3.79
220
22.4x30
1.15
25x25
250V
330
22.4x35
25x30
1.40
30.x25
W.V.
Cap
Case Size
Max Ripple Current
[µF]
øDxL[mm]
[A] rms
(10Hz/5°C)
22.4x45
470
25x40
1.80
250V
30x30
1000
30x50
3.00
35.5x40
47
22.4x25
0.45
68
22.4x25
0.55
100
22.4x30
0.70
400V
25x25
22.4x50
220
25x40
1.10
30x30
330
30x40
1.60
470
35.5x45
2.10
47
22.4x25
0.50
450V
100
22.4x35
0.70
25x30
220
25x50
1.20


Similar Part No. - CLP1000CG200

ManufacturerPart #DatasheetDescription
logo
Dubilier
CLP1000CG200 DUBILIER-CLP1000CG200 Datasheet
296Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
More results

Similar Description - CLP1000CG200

ManufacturerPart #DatasheetDescription
logo
Dubilier
CLP1000CF200 DUBILIER-CLP1000CF200_11 Datasheet
296Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
DPG DUBILIER-DPG Datasheet
302Kb / 4P
   ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN
DPG47AC400 DUBILIER-DPG47AC400 Datasheet
171Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
DPG47AC400 DUBILIER-DPG47AC400_11 Datasheet
302Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
CEBM DUBILIER-CEBM Datasheet
268Kb / 3P
   ALUMINIUM ELECTROLYTIC STANDARD RADIAL
CEBM10016TA DUBILIER-CEBM10016TA Datasheet
229Kb / 3P
   ALUMINIUM ELECTROLYTIC STANDARD RADIAL CEBM
DJ3 DUBILIER-DJ3 Datasheet
285Kb / 3P
   ALUMINIUM ELECTROLYTIC HIGH TEMP
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
Dubilier
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com