Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C374T-WPN Datasheet(PDF) 8 Page - Cree, Inc

Part # C374T-WPN
Description  3-mm Round LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C374T-WPN Datasheet(HTML) 8 Page - Cree, Inc

  C374T-WPN Datasheet HTML 1Page - Cree, Inc C374T-WPN Datasheet HTML 2Page - Cree, Inc C374T-WPN Datasheet HTML 3Page - Cree, Inc C374T-WPN Datasheet HTML 4Page - Cree, Inc C374T-WPN Datasheet HTML 5Page - Cree, Inc C374T-WPN Datasheet HTML 6Page - Cree, Inc C374T-WPN Datasheet HTML 7Page - Cree, Inc C374T-WPN Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
10
CLD-CT1103.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
20 bags/carton
Label
COLOR LED LAMP
JOWAXXXXX -XX-XXX
AXXXXXXXXXXX
(anti-electrostatic
bag)
Hue
TYPE
QTY
RANK
LOT
Iv
xxx xxx
Vf
(
)
XX
(
)
LXXXXXXXX-XXX
PCS
X
(
)
XX
R
Package
Features:
• The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
• Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
• The boxes are not water-resistant, and they must be kept away from water and moisture.
• The Bulk Pack types of packaging.
• Max 500 pcs per bag.


Similar Part No. - C374T-WPN

ManufacturerPart #DatasheetDescription
logo
Powerbox
C3740 POWERBOX-C3740 Datasheet
302Kb / 1P
   1250 WATTS (AC) DC/D CSINGLE OUTPUT
C3741 POWERBOX-C3741 Datasheet
302Kb / 1P
   1250 WATTS (AC) DC/D CSINGLE OUTPUT
C3742 POWERBOX-C3742 Datasheet
302Kb / 1P
   1250 WATTS (AC) DC/D CSINGLE OUTPUT
C3743 POWERBOX-C3743 Datasheet
302Kb / 1P
   1250 WATTS (AC) DC/D CSINGLE OUTPUT
C3744 POWERBOX-C3744 Datasheet
302Kb / 1P
   1250 WATTS (AC) DC/D CSINGLE OUTPUT
More results

Similar Description - C374T-WPN

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC374TWN1-25P-A1 CREE-LC374TWN1-25P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
LC374TWN1-25Q-A1 CREE-LC374TWN1-25Q-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWR1-35P-A1 CREE-LC374TWR1-35P-A1 Datasheet
351Kb / 6P
   3-mm Round LED
LC374TWN1-65P-A1 CREE-LC374TWN1-65P-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWN1-65Q-A1 CREE-LC374TWN1-65Q-A1 Datasheet
355Kb / 6P
   3-mm Round LED
LC374TWN1-35Q-A1 CREE-LC374TWN1-35Q-A1 Datasheet
353Kb / 6P
   3-mm Round LED
LC374TWR1-35Q-A1 CREE-LC374TWR1-35Q-A1 Datasheet
358Kb / 6P
   3-mm Round LED
LC374TWR1-65Q-A1 CREE-LC374TWR1-65Q-A1 Datasheet
357Kb / 6P
   3-mm Round LED
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED
logo
Cree, Inc
LC374TWN1-35P-A1 CREE-LC374TWN1-35P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com