Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

US1175 Datasheet(PDF) 4 Page - UNISEM

Part No. US1175
Description  7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNISEM [UNISEM]
Homepage  
Logo 

US1175 Datasheet(HTML) 4 Page - UNISEM

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US1175
2-4
Rev. 1.2
11/29/99
APPLICATION INFORMATION
APPLICATION INFORMATION
Introduction
The US1175 adjustable regulator is a 5 terminal device
designed specificaly to provide extremely low dropout
voltages comparable to the PNP type without the disad-
vantage of the extra power dissipation due to the base
current associated with PNP regulators.This is done by
bringinging out the control pin of the regulator that pro-
vides the base current to the power NPN and connect-
ing it to a voltage that is grater than the voltage present
at the Vin pin.This flexebility makes the US1175 ideal
for applications where dual inputs are available such as
a computer motherboard with an ATX style power sup-
ply that provides 5V and 3.3V to the board.One such
application is the new graphic chip sets that require any-
where from 2.4V to 2.7V supply such as the Intel I740
chip set. The US1175 can easily be programmed with
the addition of two external resistors to any voltages
within the range of 1.25 to 5.5 V. Another major require-
ment of these graphic chips is the need to switch the
load current from zero to several amps in tens of nano-
seconds at the processor pins ,which translates to an
approximately 300 to 500 nS of current step at the regu-
lator . In addition, the output voltage tolerances are also
extremely tight and they include the transient response
as part of the specification.
The US1175 is specifically designed to meet the fast
current transient needs as well as providing an accurate
initial voltage , reducing the overall system cost with the
need for fewer number of output capacitors.Another fea-
ture of the device is its true remote sensing capability
which allows accurate voltage setting at the load rather
than at the device.
Output Voltage Setting
The US1175 can be programmed to any voltages in the
range of 1.25V to 5.5V with the addition of R1 and R2
external resistors according to the following formula:
Figure 2 - Typical application of the US1175 for
programming the output voltage.
BLOCK DIAGRAM
BLOCK DIAGRAM
V
V
R
R
I
R
Wehre : V
V Typically
I
lly
R
in figure
OUT
REF
ADJ
REF
ADJ
=
+


+
×
1
125
2
2
1
2
1
2
= .
=50 uA Typica
& R as shown
Figure 1 - Simplified block diagram of the US1175
Vout
1175app2-1.0
R1
R2
Vin
Vctrl
Vref
IAdj = 50uA
US1175
Vsense
Adj
Vout
Vctrl
Vin
Vctrl
Vin
Vsense
1175blk1-1.0
Adj
Vout
THERMAL
SHUTDOWN
CURRENT
LIMIT
1.25V
+
+


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn