Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS120GSSD25D-M Datasheet(PDF) 7 Page - Transcend Information. Inc.

Part # TS120GSSD25D-M
Description  2.5??Solid State Drive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS120GSSD25D-M Datasheet(HTML) 7 Page - Transcend Information. Inc.

Back Button TS120GSSD25D-M Datasheet HTML 3Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 4Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 5Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 6Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 7Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 8Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 9Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 10Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 11Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
T
T
TS
S
S6
6
60
0
0G
G
GS
S
SS
S
SD
D
D2
2
25
5
5D
D
D---M
M
M
T
T
TS
S
S1
1
12
2
20
0
0G
G
GS
S
SS
S
SD
D
D2
2
25
5
5D
D
D---M
M
M
2.5” Solid State Drive
Transcend Information Inc.
Preliminary V1.02
7
Reliability
Reliability
Reliability
Reliability
Wear-Leveling algorithm
The controller supports static/dynamic wear leveling. When the host writes data, the controller will find and use the block
with the lowest erase count among the free blocks. This is known as dynamic wear leveling. When the free blocks' erase
count is higher than the data blocks', it will activate the static wear leveling, replacing the not so frequently used user
blocks with the high erase count free blocks.
ECC algorithm
The controller use Reed Solomon code or BCH code option
Reed Solomon: 6Bytes/sector for 128Bytes spare and 12Bytes/sector for 218Bytes spare
BCH: 8 or 12 bits/sector for 128Bytes spare and 16bits/sector for 218Bytes spare size
Bad-block management
When the flash encounters ECC failed, program fail or erase fail, the controller will mark the block as bad block to prevent
the used of this block and caused data lost later on.


Similar Part No. - TS120GSSD25D-M

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS120GSJ18M TRANSCEND-TS120GSJ18M Datasheet
94Kb / 3P
   ZIF PATA HDD Enclosure
TS120GSJ25S-S TRANSCEND-TS120GSJ25S-S Datasheet
81Kb / 3P
   SATA HDD Enclosure
More results

Similar Description - TS120GSSD25D-M

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
535 INTEL-535 Datasheet
740Kb / 31P
   Intel짰 Solid-State Drive 535 Series (2.5-inch)
Sept 2015
530 INTEL-530 Datasheet
481Kb / 27P
   Intel짰 Solid-State Drive 530 Series (2.5-inch)
April 2015
logo
A-Data Technology
SX950 A-DATA-SX950 Datasheet
1Mb / 2P
   XPG SX950 3D NAND 2.5-inch Solid State Drive
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
TS32GSSD18M-M TRANSCEND-TS32GSSD18M-M Datasheet
800Kb / 32P
   1.8??Portable Solid State Drive
logo
Apacer Technology Inc.
PV130-M242 APACER-PV130-M242 Datasheet
1Mb / 5P
   modularized Solid State Drive (SSD)
SM130-25 APACER-SM130-25 Datasheet
1Mb / 4P
   (2.5inch) Embedded Solid State Drive
SS130-25 APACER-SS130-25 Datasheet
1Mb / 4P
   (2.5inch) Embedded Solid State Drive
logo
A-Data Technology
S510 A-DATA-S510 Datasheet
405Kb / 2P
   ADATA S510 Solid State Drive
logo
Western Digital Corpora...
80-11-80106 WESTERN-80-11-80106 Datasheet
356Kb / 25P
   CloudSpeed Eco and Ultra Gen. II 2.5” SATA Solid State Drive, Generic
Rev 3 October
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com