Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS8GSDOM22V Datasheet(PDF) 9 Page - Transcend Information. Inc.

Part # TS8GSDOM22V
Description  22P Vertical Type SATA Flash Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GSDOM22V Datasheet(HTML) 9 Page - Transcend Information. Inc.

Back Button TS8GSDOM22V Datasheet HTML 3Page - Transcend Information. Inc. TS8GSDOM22V Datasheet HTML 4Page - Transcend Information. Inc. TS8GSDOM22V Datasheet HTML 5Page - Transcend Information. Inc. TS8GSDOM22V Datasheet HTML 6Page - Transcend Information. Inc. TS8GSDOM22V Datasheet HTML 7Page - Transcend Information. Inc. TS8GSDOM22V Datasheet HTML 8Page - Transcend Information. Inc. TS8GSDOM22V Datasheet HTML 9Page - Transcend Information. Inc. TS8GSDOM22V Datasheet HTML 10Page - Transcend Information. Inc. TS8GSDOM22V Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M---8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M2
2
22
2
2V
V
V
22P Vertical Type
SATA Flash Modules
Transcend Information Inc.
V1.4
9
SMART Command Set
SMART Command Set
SMART Command Set
SMART Command Set
SMART Command Set
SMART Feature Register Values
D0h
Read Data
D5h
Read Log
D1h
Read Attribute Threshold
D6h
Write Log
D2h
Enable/Disable Autosave
D8h
Enable SMART Operations
D3h
Save Attribute Values
D9h
Disable SMART Operations
D4h
Execute OFF-LINE Immediate
DAh
Return Status
1. If reserved size is below the Threshold, the status can be read from Cylinder register by Return Status command (DAh).
SMART Data Structure
BYTE
F / V
Decription
0-1
X
Revision code
2-361
X
Vendor specific
362
V
Off line data collection status
363
X
Self-test execution status byte
364-365
V
Total time in seconds to complete off-line data collection activity
366
X
Vendor specific
367
F
Off-line data collection capability
368-369
F
SMART capability
370
F
Error logging capability
7-1 Reserved
0 1=Device error logging supported
371
X
Vendor specific
372
F
Short self-test routine recommended polling time (in minutes)
373
F
Extended self-test routine recommended polling time (in minutes)
374
F
Conveyance self-test routine recommended polling time (in minutes)
375-385
R
Reserved
386-395
F
Date Code
396-397
F
Number of initial invalid block (396 = MSB, 397 = LSB)
398-399
V
Number of run time bad block (398 = MSB, 399 = LSB)
400
V
Number of spare block


Similar Part No. - TS8GSDOM22V

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS8GSDOM7H TRANSCEND-TS8GSDOM7H Datasheet
1Mb / 14P
   7P Horizontal Type SATA Flash Modules
More results

Similar Description - TS8GSDOM22V

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GSDO22H TRANSCEND-TS4GSDO22H Datasheet
1Mb / 11P
   22P Horizontal Type SATA Flash Modules
TS128MSDOM7H TRANSCEND-TS128MSDOM7H Datasheet
1Mb / 14P
   7P Horizontal Type SATA Flash Modules
logo
Axiomtek Co., Ltd.
FSA300 AXIOMTEK-FSA300 Datasheet
126Kb / 1P
   Flash SATA Disk /mSATA SATA 3 SLC,MLC
logo
JMicron Technology Corp...
JMF602 JMICRON-JMF602 Datasheet
96Kb / 3P
   SATA II to Flash Controller
JMF608 JMICRON-JMF608 Datasheet
71Kb / 4P
   SATA III NAND Flash Controller
logo
Axiomtek Co., Ltd.
FSA301 AXIOMTEK-FSA301 Datasheet
163Kb / 1P
   Flash SATA Disk/mSATA Mini SATA 3 SLC, MLC
FSA AXIOMTEK-FSA_17 Datasheet
114Kb / 1P
   Flash SATA Disk /SATAIII SLC, MLC
logo
TE Connectivity Ltd
C-1735284 TEC-C-1735284 Datasheet
801Kb / 5P
   SATA BACKPLANE RECEPTACLE, VERTICAL, SMT
logo
Assmann Electronics Inc...
AK-400203-005-R ASSMANN-AK-400203-005-R Datasheet
221Kb / 2P
   SATA Slot Bracket cable, L-type
logo
Adam Technologies, Inc.
SATA-N-PM-VT-SMT-02 ADAM-TECH-SATA-N-PM-VT-SMT-02 Datasheet
101Kb / 1P
   SATA DIP SINGLE ROW TYPE FEMALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com