Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS32GCF600 Datasheet(PDF) 71 Page - Transcend Information. Inc.

Part # TS32GCF600
Description  600X CompactFlash Card
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32GCF600 Datasheet(HTML) 71 Page - Transcend Information. Inc.

Back Button TS32GCF600 Datasheet HTML 67Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 68Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 69Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 70Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 71Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 72Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 73Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 74Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 75Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
T
T
TS
S
S8
8
8G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F6
6
60
0
00
0
0
600X CompactFlash Card
Transcend Information Inc.
V1.0
71
Bits 8-6: Advanced True IDE PIO Mode Selected Indicates the current True IDE PIO mode selected on the
card.
Value
Current PIO timing mode selected
0
Specified in word 64
1
PIO Mode 5
2
PIO Mode 6
3-7
Reserved
Bits 11-9: Advanced True IDE Multiword DMA Mode Selected Indicates the current True IDE Multiword
DMA Mode Selected on the card.
Value
Current Multiword DMA timing mode selected
0
Specified in word 63
1
Multiword DMA Mode 3
2
Multiword DMA Mode 4
3-7
Reserved
Bits 15-12 are reserved.
Word 164: CF Advanced PCMCIA I/O and Memory Timing Modes Capabilities and Settings
This word describes the capabilities and current settings for CFA defined advanced timing modes using
the Memory and PCMCIA I/O interface.
Notice: The use of PCMCIA I/O or Memory modes that are 100ns or faster impose significant
restrictions on the implementation of the host:
Additional Requirements for CF Advanced Timing Modes.
Bits 2-0: Maximum Advanced PCMCIA I/O Mode Support Indicates the maximum I/O timing mode
supported by the card.
Value
Maximum PCMCIA IO timing mode Supported
0
255ns Cycle PCMCIA I/O Mode
1
120ns Cycle PCMCIA I/O Mode
2
100ns Cycle PCMCIA I/O Mode
3
80ns Cycle PCMCIA I/O Mode
4-7
Reserved
Bits 5-3: Maximum Memory timing mode supported
Indicates the Maximum Memory timing mode supported by the card.
Value
Maximum Memory timing mode Supported
0
250ns Cycle Memory Mode
1
120ns Cycle Memory Mode
2
100ns Cycle Memory Mode
3
80ns Cycle Memory Mode
4-7
Reserved


Similar Part No. - TS32GCF600

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS32GCF133 TRANSCEND-TS32GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS32GCF200I TRANSCEND-TS32GCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
TS32GCF400 TRANSCEND-TS32GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
More results

Similar Description - TS32GCF600

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
logo
Transcend Information. ...
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com