Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS32GCF600 Datasheet(PDF) 64 Page - Transcend Information. Inc.

Part # TS32GCF600
Description  600X CompactFlash Card
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32GCF600 Datasheet(HTML) 64 Page - Transcend Information. Inc.

Back Button TS32GCF600 Datasheet HTML 60Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 61Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 62Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 63Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 64Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 65Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 66Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 67Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 68Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
T
T
TS
S
S8
8
8G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F6
6
60
0
00
0
0
600X CompactFlash Card
Transcend Information Inc.
V1.0
64
162
0000h
2
Key management schemes supported
163
0092h
2
CF Advanced True IDE Timing Mode Capability and Setting
164
8D9Bh
2
CF Advanced PC Card I/O and Memory Timing Mode Capability
165-175
0000h
22
Reserved
176-255
0000h
140
Reserved
Word 0: General Configuration
This field indicates the general characteristics of the device. When Word 0 of the Identify drive information
is 848Ah then the device is a CompactFlash Storage Card and complies with the CFA specification and
CFA command set. It is recommended that PCMCIA modes of operation report only the 848Ah value as
they are always intended as removable devices.
Bits 15-0: CF Standard Configuration Value
Word 0 is 848Ah. This is the recommended value of Word 0.
Some operating systems require Bit 6 of Word 0 to be set to 1 (Non-removable device) to use the card as
the root storage device. The Card must be the root storage device when a host completely replaces
conventional disk storage with a CompactFlash Card in True IDE mode. To support this requirement and
provide capability for any future removable media Cards, alternatehandling of Word 0 is permitted.
Bits 15-0: CF Preferred Alternate Configuration Values
044Ah: This is the alternate value of Word 0 turns on ATA device and turns off Removable Media and
Removable Device while preserving all Retired bits in the word.
0040h: This is the alternate value of Word 0 turns on ATA device and turns off Removable Media and
Removable Device while zeroing all Retired bits in the word
Bit 15-12: Configuration Flag
If bits 15:12 are set to 8h then Word 0 shall be 848Ah.
If bits 15:12 are set to 0h then Bits 11:0 are set using the definitions below and the Card is required to
support for the CFA command set and report that in bit 2 of Word 83.
Bit 15:12 values other than 8h and 0h are prohibited.
Bits 11-8: Retired
These bits have retired ATA bit definitions. It is recommended that the value of these bits be either the
preferred value of 0h or the value of 4h that preserves the corresponding bits from the 848Ah CF signature
value.
Bit 7: Removable Media Device
If Bit 7 is set to 1, the Card contains media that can be removed during Card operation.
If Bit 7 is set to 0, the Card contains nonremovable media.
Bit 6: Not Removable Controller and/or Device
Alert! This bit will be considered for obsolescence in a future revision of this standard.
If Bit 6 is set to 1, the Card is intended to be nonremovable during operation.
If Bit 6 is set to 0, the Card is intended to be removable during operation.
Bits 5-0: Retired/Reserved
Alert! Bit 2 will be considered for definition in a future revision of this standard and shall be 0 at this
time.
Bits 5-1 have retired ATA bit definitions.
Bit 2 shall be 0.
Bit 0 is Reserved and shall be 0.
It is recommended that the value of bits 5-0 be either the preferred value of 00h or the value of 0Ah that
preserves the corresponding bits from the 848Ah CF signature value.


Similar Part No. - TS32GCF600

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS32GCF133 TRANSCEND-TS32GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS32GCF200I TRANSCEND-TS32GCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
TS32GCF400 TRANSCEND-TS32GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
More results

Similar Description - TS32GCF600

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
logo
Transcend Information. ...
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com