Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLP1000CC200 Datasheet(PDF) 3 Page - Dubilier

Part # CLP1000CC200
Description  ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

CLP1000CC200 Datasheet(HTML) 3 Page - Dubilier

  CLP1000CC200 Datasheet HTML 1Page - Dubilier CLP1000CC200 Datasheet HTML 2Page - Dubilier CLP1000CC200 Datasheet HTML 3Page - Dubilier CLP1000CC200 Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
7
CAPACITORS
ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
RANGE
W.V.
Cap
Case Size
Max Ripple Current
[µF]
øDxL[mm]
[A] rms
(10Hz/5°C)
33000
30x50
6.50
25V
35.5x40
39000
35.5x45
7.50
3300
22.4x25
1.80
3900
22.4x30
2.10
4700
22.4x30
2.20
25x25
6800
25x30
2.60
35V 10000
25x40
3.10
30x30
15000
25x50
4.10
30x40
18000
30x45
4.60
22000
30x50
5.30
35.5x40
27000
35.5x50
6.9
2200
22.4x25
1.70
2700
22.4x30
1.93
50V
4700
22.4x40
2.40
25x35
6800
30x30
3.80
10000
30x45
4.80
35.5x35
W.V.
Cap
Case Size
Max Ripple Current
[µF]
øDxL[mm]
[A] rms
(10Hz/5°C)
10000
22.4x30
2.60
25x25
15000
22.4x35
3.30
25x30
18000
22.4x40
3.70
16V
25x30
22000
25x40
4.20
30x30
27000
25x45
4.65
30x35
33000
30x40
5.60
35.5x30
39000
30x45
6.00
35.5x35
47000
30x50
6.80
35.5x40
56000
35.5x45
7.60
68000
35.5x50
8.00
5600
22.4x25
2.00
6800
22.4x30
2.30
25x25
8200
25x25
2.70
10000
25x30
2.80
30x25
25V 15000
22.4x50
3.70
25x40
18000
25x45
4.20
30x35
22000
30x40
4.80
27000
30x45
4.98
W.V.
Cap
Case Size
Max Ripple Current
[µF]
øDxL[mm]
[A] rms
(10Hz/5°C)
15000
35x45
3.80
50V
35.5x40
22000
35.5x50
6.70
1500
22.4x25
1.60
2200
22.4x30
2.0
25x25
2700
22.4x35
2.30
25x30
22.4x40
3300
25x30
2.30
30x25
22.4x45
3900
25x35
2.50
63V
30x30
22.4x50
4700
25x40
3.30
35.5x25
6800
30x40
3.60
35.5x30
8200
30x45
4.80
35.5x35
10000
35.5x40
4.80
1500
22.4x30
1.70
1800
22.4x35
1.90
25x30
22.4x40
2200
25x30
2.1
80V
30x25
22.4x45
2700
25x35
2.50
30x30
22.4x50
3300
25x40
2.80
30x30
3900
25x45
3.10
30x35
Other values/ sizes by request


Similar Part No. - CLP1000CC200

ManufacturerPart #DatasheetDescription
logo
Dubilier
CLP1000CC200 DUBILIER-CLP1000CC200 Datasheet
296Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
More results

Similar Description - CLP1000CC200

ManufacturerPart #DatasheetDescription
logo
Dubilier
CLP1000CF200 DUBILIER-CLP1000CF200_11 Datasheet
296Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
DPG DUBILIER-DPG Datasheet
302Kb / 4P
   ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN
DPG47AC400 DUBILIER-DPG47AC400 Datasheet
171Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
DPG47AC400 DUBILIER-DPG47AC400_11 Datasheet
302Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
CEBM DUBILIER-CEBM Datasheet
268Kb / 3P
   ALUMINIUM ELECTROLYTIC STANDARD RADIAL
CEBM10016TA DUBILIER-CEBM10016TA Datasheet
229Kb / 3P
   ALUMINIUM ELECTROLYTIC STANDARD RADIAL CEBM
DJ3 DUBILIER-DJ3 Datasheet
285Kb / 3P
   ALUMINIUM ELECTROLYTIC HIGH TEMP
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
Dubilier
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com