Electronic Components Datasheet Search |
|
TS16GSDHC10 Datasheet(PDF) 1 Page - Transcend Information. Inc. |
|
TS16GSDHC10 Datasheet(HTML) 1 Page - Transcend Information. Inc. |
1 / 26 page S S SD D DH H HC C C1 1 10 0 0 C C Ca a arrrd d d s s se e errriiie e es s s 4~16GB High Capacity Secure Digital Card Transcend Information Inc. 1 Description Transcend High Capacity SD Card series are specifically designed to meet the High Capacity, High Definition Audio and Video requirement for the latest Digital Cameras, DV Recorders, Mobile Phones, etc,. The new defined Speed Class enables the host to support AV applications to perform real time recording to the SD memory card. Placement Front Back Features • RoHS compliant product. • Card Lid material: PC (comply with UL94,Flame Class:HB) • Operating Voltage: 2.7 ~ 3.6V • Operating Temperature: -25 ~ 85°C • Durability: 10,000 insertion/removal cycles • Compatible with SD Specification Ver. 3.0 • Mechanical Write Protection Switch • Supports Speed Class Specification up to Class 10 • Supports Copy Protection for Recorded Media (CPRM) for SD-Audio • Seamless compatibility with SDMI-compliant digital audio devices • Form Factor: 24mm x 32mm x 2.1mm Pin Definition SD Mode SPI Mode Pin No. Name Type Description Name Type Description 1 CD/DAT I/O/PP 3 Card Detect/Data Line [Bit3] CS I Chip Select (neg true) 2 CMD PP Command/Response DI I Data In 3 VSS1 S Supply voltage ground VSS S Supply voltage ground 4 VDD S Supply voltage VDD S Supply voltage 5 CLK I Clock SCLK I Clock 6 VSS2 S Supply voltage ground VSS2 S Supply voltage ground 7 DAT0 I/O/PP Data Line [Bit0] DO O/PP Data Out 8 DAT1 I/O/PP Data Line [Bit1] RSV 9 DAT2 I/O/PP Data Line [Bit2] RSV |
Similar Part No. - TS16GSDHC10 |
|
Similar Description - TS16GSDHC10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |