Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEAJ10016TR Datasheet(PDF) 1 Page - Dubilier

Part # CEAJ10016TR
Description  AXIAL LONG LIFE HIGH TEMPERATURE CEAJ
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

CEAJ10016TR Datasheet(HTML) 1 Page - Dubilier

  CEAJ10016TR Datasheet HTML 1Page - Dubilier CEAJ10016TR Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
1
CAPACITORS
AXIAL LONG LIFE HIGH TEMPERATURE CEAJ
ORDERING INFORMATION
Small case sizes
Extended temperature life 2000 hours at +105˚C
Product is available loose or taped and reeled
Sizes may reduce as technology continually improves.
V
.
10
1
5
5
50

100
µF
dxl
dxl
dxl
dxl
dxl
dxl
dxl
dxl
0.47
5x12.5
1.0
5x12.5
2.2
5x12.5 6x12.5
3.3
5x12.5 6x12.5
4.7
5x12.5 6x12.5 6x12.5
10
5x12.5 6x12.5 6x16
15
5x12.5 6x12.5 6x12.5 6x12.5 8x16
22
5x12.5 6x12.5 6x12.5 6x16 6x16 8x16
33
5x12.5 6x12.5 6x12.5
6x16 6x16 8x16 8x20
47
5x12.5 6x12.5
6x16
6x16 8x16 8x16 10x20
68
6x12.5
6x16
8x16 8x16 8x16 10x20
100 6x12.5
6x16
8x16
8x16 8x20 10x16 10x25
150
6x16
8x16
8x16
8x20 10x16 10x20 13x25
220 8x13.5
8x16
8x16
8x20
10x16 10x20 10x25 13x30
330
8x16
8x20
8x16
10x16 10x20 10x25 13x25 16x30
470
8x16
8x20
10x16 10x20 10x25 13x25 13x30 16x40
680
8x20
8x20
10x20 10x25 13x25 13x30 16x30 22x40
1000 10x20 10x20 10x25 13x25 13x30 16x36 16x40 22x40
1500 10x25 10x25 13x25 13x30 16x30 16x40 18x40
2200 13x25 13x25 13x30 16x30 16x40 18x40 22x40
3300 13x30 13x30 16x30 16x40 18x40 22x40
4700 16x30 16x30 16x30 18x40 22x40 22x45
Synthetic Rubber
Vent
Diameter
Length
Copper-Clad Steel
Wire (tinned)
Vinyl Sleeve
Aluminium Case
(with Vent on ø 10-18.
No vent on other sizes)
øD + ß max
35 min
L + a max
35 min
ø d ± 0,05
CEAJ
100
1
TR
Range
Capacitance
µF
Voltage
V
Options
Tape/Reel
Blank = Loose
Case
Tolerance
Tolerance
Lead
Tolerance
Lead
Wire
Dia.
Case
Case
Length
Lead
Thickness Gauge
(D)
Dia. (D)
Length (L)
(F)
Length (L)
(d)
(AWG)
5.0
≤ ± 0.5
≤ ± 1.0
40.0
≤ ± 0.5
0.6
22
6.0
≤ ± 0.5
≤ ± 1.0
40.0
≤ ± 0.5
0.6
22
8.0
≤ ± 0.5
≤ ± 1.0
40.0
≤ ± 0.5
0.6
22
10.0
≤ ± 0.5
≤ ± 1.0
40.0
≤ ± 0.5
0.6
22
12.5
≤ ± 0.5
≤ ± 1.0
40.0
≤ ± 0.5
0.6
22
16.0
≤ ± 0.5
≤ ± 1.0
40.0
≤ ± 0.5
0.8
20
18.0
≤ ± 0.5
≤ ± 1.5
40.0
≤ ± 0.5
0.8
20
22.0
≤ ± 1.0
≤ ± 1.5
40.0
≤ ± 0.5
0.8
20
25.0
≤ ± 1.0
≤ ± 1.5
40.0
≤ ± 0.5
0.8
20
Products with a case diameter of 10mm or less will be supplied taped only.
RANGE & DIMENSIONS
CASE TOLERANCE & LEAD SPEC.
OUTLINE DRAWING
Dimensions in mm


Similar Part No. - CEAJ10016TR

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CEA0.6100.151 SCHURTER-CEA0.6100.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
logo
RCD COMPONENTS INC.
CEA10-100-B025 RCD-CEA10-100-B025 Datasheet
35Kb / 1P
   AXIAL LEAD CERAMIC CAPACITORS MULTILAYER CERAGOLDTM CONSTRUCTION
CEA10-100-B050 RCD-CEA10-100-B050 Datasheet
35Kb / 1P
   AXIAL LEAD CERAMIC CAPACITORS MULTILAYER CERAGOLDTM CONSTRUCTION
CEA10-100-B101 RCD-CEA10-100-B101 Datasheet
35Kb / 1P
   AXIAL LEAD CERAMIC CAPACITORS MULTILAYER CERAGOLDTM CONSTRUCTION
CEA10-100-B201 RCD-CEA10-100-B201 Datasheet
35Kb / 1P
   AXIAL LEAD CERAMIC CAPACITORS MULTILAYER CERAGOLDTM CONSTRUCTION
More results

Similar Description - CEAJ10016TR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
logo
Vishay Siliconix
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
logo
RUBYCON CORPORATION
JGV RUBYCON-JGV Datasheet
61Kb / 2P
   105oC Long Life, High Temperature Reflow Soldering.
logo
Vishay Siliconix
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
logo
Illinois Capacitor, Inc...
KFM ILLINOISCAPACITOR-KFM Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
logo
Vishay Siliconix
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com