Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS0GSJ25B-S Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part No. TS0GSJ25B-S
Description  SATA HDD Enclosure
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRANSCEND [Transcend Information. Inc.]
Homepage  http://www.transcendusa.com
Logo 

TS0GSJ25B-S Datasheet(HTML) 3 Page - Transcend Information. Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S
S
Sttto
o
orrre
e
eJ
J
Je
e
ettt
T
T
TM
M
M 2
2
2...5
5
5 S
S
SA
A
AT
T
TA
A
A s
s
se
e
errriiie
e
es
s
s
SATA HDD Enclosure
Transcend Information Inc.
3
Pinouts
Pin No.
Pin Name
01
VCC
02
USB-
03
USB+
04
VSS
Pin Identification
Symbol
Function
USB-
USB+
USB differential signal
The pairs are used to transmit
Data/Address/Command
VCC
USB Cable Power Detector
VSS
Ground
Specifications
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no warranty, either expressed or
implied, as to its accuracy and assumes no liability in connection with the use of this product. Transcend reserves the right to make changes in
specifications at any time without prior notice.
Environment
Storage Media
2.5 inch SATA Hard Disk
Temperature
Operation
5 ℃ to 55 ℃
Storage
-20 ℃ to 60 ℃
Power Supply
USB DC 5 Volt
Size (L x W x H)
129mmx79.9mmx13mm
Weight
Without Hard Drive
Max. 86g
Certificates
CE, FCC, BSMI


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn