Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS512MMC Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part # TS512MMC
Description  MultiMediaCard
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MMC Datasheet(HTML) 3 Page - Transcend Information. Inc.

  TS512MMC Datasheet HTML 1Page - Transcend Information. Inc. TS512MMC Datasheet HTML 2Page - Transcend Information. Inc. TS512MMC Datasheet HTML 3Page - Transcend Information. Inc. TS512MMC Datasheet HTML 4Page - Transcend Information. Inc. TS512MMC Datasheet HTML 5Page - Transcend Information. Inc. TS512MMC Datasheet HTML 6Page - Transcend Information. Inc. TS512MMC Datasheet HTML 7Page - Transcend Information. Inc. TS512MMC Datasheet HTML 8Page - Transcend Information. Inc. TS512MMC Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~2
2
2G
G
GM
M
MM
M
MC
C
C
MultiMediaCard
Transcend Information Inc.
3
Temperature Characteristics
Parameter
Min.
Max.
Unit
Operating temperature
-25
85
Electrical Characteristics
• Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VCC
-0.6~+4.6
V
Input Voltage
VIN
-0.6~+4.6
V
Input/Output Voltage
VI/O
-0.6~+4.6
V
• Recommended Operation Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
VDDH
2.7
3.3
3.6
V


Similar Part No. - TS512MMC

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS512MMC4 TRANSCEND-TS512MMC4 Datasheet
338Kb / 11P
   MMCplus memory card
More results

Similar Description - TS512MMC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com