Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS-BL22MA Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part No. TS-BL22MA
Description  2200mAh Lithium Ion Battery
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRANSCEND [Transcend Information. Inc.]
Homepage  http://www.transcendusa.com
Logo 

TS-BL22MA Datasheet(HTML) 3 Page - Transcend Information. Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T
T
TS
S
S---B
B
BL
L
L2
222
22M
M
MA
A
A
2200mAh Lithium Ion Battery
Transcend Information Inc.
3
Electrical Characteristics
Absolute Maximum Ratings
PARAMETER
Rating
Note
Nominal Capacity
2200mAh
Minimum Capacity
2040mAh
Cut Off Voltage
3.0V
Nominal Voltage
3.7V
Standard
0.2CmA
Charge Current
Rapid
0.7CmA
Charge Voltage
4.2V
Maximum Charge Voltage
4.25V
Standard
Approx. 5h
Charge Current: 408mA
Charge Time
Rapid
Approx. 1.5h
Charge Current: 1430mA
Maximum Charge Current
0.7CmA
Maximum Discharge Current
1.0CmA
Charge
0~45ºC, 85%RH. Max.
Operating Temperature and
Humidity Range
Discharge
-20~60ºC, 85%RH. Max.
Storage Temperature
-20~45ºC
Recommended Storage Temperature
20ºC
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes
no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this
product. Transcend reserves the right to make changes in specifications at any time without prior notice.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn