Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS512MUFM-V Datasheet(PDF) 4 Page - Transcend Information. Inc.

Part # TS512MUFM-V
Description  512M~4GB USB Flash Module(Vertical)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MUFM-V Datasheet(HTML) 4 Page - Transcend Information. Inc.

  TS512MUFM-V Datasheet HTML 1Page - Transcend Information. Inc. TS512MUFM-V Datasheet HTML 2Page - Transcend Information. Inc. TS512MUFM-V Datasheet HTML 3Page - Transcend Information. Inc. TS512MUFM-V Datasheet HTML 4Page - Transcend Information. Inc. TS512MUFM-V Datasheet HTML 5Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T
T
TS
S
S5
5
51
1
12
2
2M
M
M~
~
~4
4
4G
G
GU
U
UF
F
FM
M
M---V
V
V
512M~4GB USB Flash Module(Vertical)
Transcend Information Inc.
4
Specifications
Environment
Capacity
512MB~4GB
Temperature
Operating
0 ℃ to 70 ℃
Non-Operating
-40 ℃ to 85 ℃
System Performance
Dual-Channel Read
33 MB/sec (Max.)
Dual-Channel Write
20 MB/sec (Max.)
Power Requirement
Voltage
DC 5V
± 10%
Data Retention
10 years
Connector Durability
10,000 times
Erase Cycles
>100,000 times


Similar Part No. - TS512MUFM-V

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS512MUFM-H TRANSCEND-TS512MUFM-H Datasheet
483Kb / 7P
   128MB~8GB USB Flash Module
TS512MUFM-H TRANSCEND-TS512MUFM-H Datasheet
379Kb / 7P
   128MB~8GB USB Flash Module
More results

Similar Description - TS512MUFM-V

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GMP850 TRANSCEND-TS4GMP850 Datasheet
134Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
TS4GGMP860 TRANSCEND-TS4GGMP860 Datasheet
167Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
TS2GMP650 TRANSCEND-TS2GMP650 Datasheet
172Kb / 4P
   2GB/4GB/8G USB Flash Drive
TS2GMP840 TRANSCEND-TS2GMP840 Datasheet
116Kb / 4P
   2GB/4GB/8G USB Flash Drive
TS1GMP630 TRANSCEND-TS1GMP630 Datasheet
67Kb / 4P
   1GB/2GB/4GB USB Flash Drive
logo
List of Unclassifed Man...
KVR667D2D4P5-4G ETC2-KVR667D2D4P5-4G Datasheet
151Kb / 1P
   4GB 512M x 72-Bit DDR2-667
KVR800D2D4P6-4G ETC2-KVR800D2D4P6-4G Datasheet
270Kb / 1P
   4GB 512M x 72-Bit DDR2-800
HX313C9FB-4 ETC2-HX313C9FB-4 Datasheet
426Kb / 2P
   4GB 512M x 64-Bit DDR3-1333
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com