Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ150C Datasheet(PDF) 5 Page - Transys Electronics

Part # P6SMBJ150C
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

P6SMBJ150C Datasheet(HTML) 5 Page - Transys Electronics

  P6SMBJ150C Datasheet HTML 1Page - Transys Electronics P6SMBJ150C Datasheet HTML 2Page - Transys Electronics P6SMBJ150C Datasheet HTML 3Page - Transys Electronics P6SMBJ150C Datasheet HTML 4Page - Transys Electronics P6SMBJ150C Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P6SMBJ28C
P6SMBJ28CA
CF
CG
28.0
28.0
31.10
31.10
39.40
35.80
1
1
50.0
45.4
12.0
13.2
5
5
P6SMBJ30C
P6SMBJ30CA
P6SMBJ33C
P6SMBJ33CA
CH
CK
CL
CM
30.0
30.0
33.0
33.0
33.30
33.30
36.70
36.70
42.20
38.30
46.50
42.20
1
1
1
1
53.5
48.4
59.0
53.3
11.2
12.4
10.2
11.3
5
5
5
5
P6SMBJ36C
P6SMBJ36CA
P6SMBJ40C
P6SMBJ40CA
CN
CP
CQ
CR
36.0
36.0
40.0
40.0
40.00
40.00
44.40
44.40
50.70
46.00
56.30
51.10
1
1
1
1
64.3
58.1
71.4
64.5
9.3
10.3
8.4
9.3
5
5
5
5
P6SMBJ43C
P6SMBJ43CA
P6SMBJ45C
P6SMBJ45CA
CS
CT
CU
CV
43.0
43.0
45.0
45.0
47.80
47.80
50.00
50.00
60.50
54.90
63.30
57.50
1
1
1
1
76.7
69.4
80.3
72.7
7.8
8.6
7.5
8.3
5
5
5
5
P6SMBJ48C
P6SMBJ48CA
P6SMBJ51C
P6SMBJ51CA
CW
CX
CY
CZ
48.0
48.0
51.0
51.0
53.30
53.30
56.70
56.70
67.50
61.30
71.80
65.20
1
1
1
1
85.5
77.4
91.1
82.4
7.0
7.7
6.6
7.3
5
5
5
5
P6SMBJ54C
P6SMBJ54CA
P6SMBJ58C
P6SMBJ58CA
DD
DE
DF
DG
54.0
54.0
58.0
58.0
60.00
60.00
64.40
64.40
76.00
69.00
81.60
74.10
1
1
1
1
96.3
87.1
103.0
93.6
6.2
6.9
5.8
6.4
5
5
5
5
P6SMBJ60C
P6SMBJ60CA
P6SMBJ64C
P6SMBJ64CA
DH
DK
DL
DM
60.0
60.0
64.0
64.0
66.70
66.70
71.10
71.10
84.50
76.70
90.10
81.80
1
1
1
1
107.0
96.8
114.0
103.0
5.6
6.2
5.3
5.8
5
5
5
5
BI-DIRECTIONAL 600 Watt Surface Mount TVS
BI-DIRECTIONAL
PART
NUMBER
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @IT
TEST
CURRENT
IT
(mA)
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@VRWM
IR (uA)
P6SMBJ70C
P6SMBJ70CA
P6SMBJ75C
P6SMBJ75CA
DN
DP
DQ
DR
70.0
70.0
75.0
75.0
77.80
77.80
83.30
83.30
98.60
89.50
105.70
95.80
1
1
1
1
125.0
113.0
134.0
121.0
4.8
5.3
4.5
4.9
5
5
5
5
P6SMBJ78C
P6SMBJ78CA
P6SMBJ85C
P6SMBJ85CA
DS
DT
DU
DV
78.0
78.0
85.0
85.0
86.70
86.70
94.40
94.40
109.80
99.70
119.20
108.20
1
1
1
1
139.0
126.0
151.0
137.0
4.3
4.7
3.9
4.4
5
5
5
5
P6SMBJ90C
P6SMBJ90CA
P6SMBJ100C
P6SMBJ100CA
DW
DX
DY
DZ
90.0
90.0
100.0
100.0
100.00
100.00
111.00
111.00
126.50
115.50
141.00
128.00
1
1
1
1
160.0
146.0
179.0
162.0
3.8
4.1
3.4
3.7
5
5
5
5
P6SMBJ110C
P6SMBJ110CA
P6SMBJ120C
P6SMBJ120CA
ED
EE
EF
EG
110.0
110.0
120.0
120.0
122.00
122.00
133.00
133.00
154.50
140.50
169.00
153.00
1
1
1
1
196.0
177.0
214.0
193.0
3.0
3.4
2.8
3.1
5
5
5
5
P6SMBJ130C
P6SMBJ130CA
P6SMBJ150C
P6SMBJ150CA
EH
EK
EL
EM
130.0
130.0
150.0
150.0
144.00
144.00
167.00
167.00
182.50
165.50
211.50
192.50
1
1
1
1
231.0
209.0
268.0
243.0
2.6
2.9
2.2
2.5
5
5
5
5
P6SMBJ160C
P6SMBJ160CA
P6SMBJ170C
P6SMBJ170CA
EN
EP
EQ
ER
160.0
160.0
170.0
170.0
178.00
178.00
189.00
189.00
226.00
205.00
239.50
217.50
1
1
1
1
287.0
259.0
304.0
275.0
2.1
2.3
2.0
2.2
5
5
5
5


Similar Part No. - P6SMBJ150C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ150C PANJIT-P6SMBJ150C Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Surge Components
P6SMBJ150C SURGE-P6SMBJ150C Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Won-Top Electronics
P6SMBJ150C WTE-P6SMBJ150C Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
P6SMBJ150C LITTELFUSE-P6SMBJ150C Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
logo
Won-Top Electronics
P6SMBJ150C WTE-P6SMBJ150C Datasheet
79Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ150C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com