Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS32GJF600 Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # TS32GJF600
Description  32GB USB2.0 JetFlash??00
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32GJF600 Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS32GJF600 Datasheet HTML 1Page - Transcend Information. Inc. TS32GJF600 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S3
3
32
2
2G
G
GJ
J
JF
F
F6
6
60
0
00
0
0
32GB USB2.0 JetFlash™600
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB
differential
signal
04
VSS
Ground
Specifications
Storage Capacity
32GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 32MB/sec (max.), Write: 18MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
o
C, Non-Operating: -20
o
C-75
o
C
Certificates
CE, FCC, BSMI
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


Similar Part No. - TS32GJF600

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS32GJF790K TRANSCEND-TS32GJF790K Datasheet
757Kb / 2P
   USB 3.1 Gen 1
TS32GJF790W TRANSCEND-TS32GJF790W Datasheet
757Kb / 2P
   USB 3.1 Gen 1
TS32GJFV20 TRANSCEND-TS32GJFV20 Datasheet
47Kb / 2P
   32GB USB2.0 JetFlash?줧20
TS32GJFV60 TRANSCEND-TS32GJFV60 Datasheet
66Kb / 2P
   32GB USB2.0 JetFlash?줧60
More results

Similar Description - TS32GJF600

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS32GJFV20 TRANSCEND-TS32GJFV20 Datasheet
47Kb / 2P
   32GB USB2.0 JetFlash?줧20
TS32GJFV60 TRANSCEND-TS32GJFV60 Datasheet
66Kb / 2P
   32GB USB2.0 JetFlash?줧60
TS8GJF600 TRANSCEND-TS8GJF600 Datasheet
65Kb / 2P
   8GB USB2.0 JetFlash??00
TS16GJF600 TRANSCEND-TS16GJF600 Datasheet
64Kb / 2P
   16GB USB2.0 JetFlash??00
TS4GJF600 TRANSCEND-TS4GJF600 Datasheet
65Kb / 2P
   4GB USB2.0 JetFlash??00
TS1GJF150 TRANSCEND-TS1GJF150 Datasheet
73Kb / 3P
   1GB USB2.0 JetFlash?
TS2GJF150 TRANSCEND-TS2GJF150 Datasheet
76Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF160 TRANSCEND-TS2GJF160 Datasheet
59Kb / 3P
   2GB USB2.0 JetFlash?
TS256MJF110 TRANSCEND-TS256MJF110 Datasheet
157Kb / 4P
   256MB USB2.0 JetFlash?
TS4GJF150 TRANSCEND-TS4GJF150 Datasheet
76Kb / 3P
   4GB USB2.0 JetFlash?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com