Electronic Components Datasheet Search |
|
SPS-33160BWG Datasheet(PDF) 1 Page - Optoway Technology Inc |
|
SPS-33160BWG Datasheet(HTML) 1 Page - Optoway Technology Inc |
1 / 5 page Optoway SPS-33160WG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 V2.0 1 SPS-33160WG / SPS-33160BWG / SPS-33160AWG (RoHS Compliant) 3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER ********************************************************************************************************************************************************************** FEATURES l Hot-Pluggable SFP Footprint LC Optical Transceiver l Small Form-Factor Pluggable (SFP) MSA compatible l Compliant with SONET OC-3 / SDH STM-1 l SFF-8472 Digital Diagnostic Function l 1550 nm DFB LD Transmitter l 37 dB Power Budget at Least l Distance up to 160 km l AC/AC Coupling according to MSA l Single +3.3 V Power Supply l RoHS Compliant l 0 to 70oC Operation: SPS-33160WG l -10 to 85oC Operation: SPS-33160BWG l -40 to 85oC Operation: SPS-33160AWG l Class 1 Laser International Safety Standard IEC-60825 Compliant APPLICATIONS l ATM Switches and Routers l SONET / SDH Switch Infrastructure l Fast Ethernet Applications DESCRIPTION The SPS-33160WG series single mode transceiver is small form factor pluggable module for bi-directional serial optical data communications such as SONET OC-3 / SDH STM-1 and Fast Ethernet. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I 2C. This module is designed for single mode fiber and operates at a nominal wavelength of 1550 nm. The transmitter section uses a 1550 nm multiple quantum well DFB laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. LASER SAFETY This single mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug. ORDER INFORMATION P/No. Bit Rate (Mb/s) SONET /SDH Distance (km) Wavelength (nm) Package Temp. ( oC) TX Power (dBm) RX Sens. (dBm) RoHS Compliant SPS-33160WG 125 / 155 160 1550 DFB LC SFP with DMI 0 to 70 5 to 2 -35 Yes SPS-33160BWG 125 / 155 160 1550 DFB LC SFP with DMI -10 to 85 5 to 2 -35 Yes SPS-33160AWG 125 / 155 160 1550 DFB LC SFP with DMI -40 to 85 5 to 2 -35 Yes Absolute Maximum Ratings Parameter Symbol Min Max Units Notes Storage Temperature Tstg -40 85 oC Operating Case Temperature Topr 0 -10 -40 70 85 85 oC SPS-33160WG SPS-33160BWG SPS-33160AWG Power Supply Voltage Vcc -0.5 3.6 V Recommended Operating Conditions Parameter Symbol Min Typ Max Units / Notes Power Supply Voltage Vcc 3.13 3.3 3.47 V Operating Case Temperature Topr 0 -10 -40 70 85 85 oC / SPS-33160WG oC / SPS-33160BWG oC / SPS-33160AWG Power Supply Current ICC (TX+RX) 200 300 mA Data Rate 125/155 200 Mb/s |
Similar Part No. - SPS-33160BWG |
|
Similar Description - SPS-33160BWG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |