Electronic Components Datasheet Search |
|
P6KE350C Datasheet(PDF) 1 Page - Transys Electronics |
|
P6KE350C Datasheet(HTML) 1 Page - Transys Electronics |
1 / 5 page P6KE SERIES GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State FEATURES l Plastic package has Underwriters Laboratory Flammability Classification 94V-O l Glass passivated chip junction in DO-15 package l 600W surge capability at 1ms l Excellent clamping capability l Low zener impedance l Fast response time: typically less than 1.0 ps from 0 volts to BV min l Typical IR less than 1 A above 10V l High temperature soldering guaranteed: 260 /10 seconds/.375”,(9.5mm) lead length/5lbs., (2.3kg) tension MECHANICAL DATA Case: JEDEC DO-15 molded plastic Terminals: Axial leads, solderable per MIL-STD-202, Method 208 Polarity: Color band denoted cathode except Bipolar Mounting Position: Any Weight: 0.015 ounce, 0.4 gram DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types P6KE6.8 thru types P6KE440 Electrical characteristics apply in both directions. MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. RATING SYMBOL VALUE UNITS Peak Power Dissipation at TA=25 , TP=1ms(Note 1) PPK Minimum 600 Watts Steady State Power Dissipation at TL=75 Lead Lengths .375”,(9.5mm) (Note 2) PD 5.0 Watts Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load(JECED Method) (Note 3) IFSM 100 Amps Operating and Storage Temperature Range TJ,TSTG -65 to +175 DO-15 |
Similar Part No. - P6KE350C |
|
Similar Description - P6KE350C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |