Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLE332W Datasheet(PDF) 2 Page - Clairex Technologies, Inc

Part # CLE332W
Description  850nm Point Source Emitters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE332W Datasheet(HTML) 2 Page - Clairex Technologies, Inc

  CLE332W Datasheet HTML 1Page - Clairex Technologies, Inc CLE332W Datasheet HTML 2Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE332 Series
850nm Point Source Emitters
Clairex
Technologies, Inc.
®
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
features
• TO-46 header with three lens options
• cathode connected to case
• high power output
• different package styles provide
flexible design options
description
The CLE332 series of products feature
AlGaAs, 850nm, point source chips.
Three different lens options are offered
which satisfy the majority of application
requirements. Contact Clairex for other
package options.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature
CLE332 and CLE332W..............................................................-65°C to +150°C
CLE332E....................................................................................-40°C to +125°C
operating temperature
CLE332 and CLE332W ..............................................................-65°C to +125°C
CLE332E....................................................................................-40°C to +100°C
lead soldering temperature
(1)......................................................................... 260°C
continuous forward current
(2) ..........................................................................50mA
peak forward current (1.0ms pulse width, 10% duty cycle)..................................1A
reverse voltage....................................................................................................5V
continuous power dissipation
(3) ...................................................................200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum
2.
Derate linearly 0.40mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.60mW/°C from 25°C free air temperature to TA = +125°C.
4.
These devices are sensitive to transients. Use series resistors or power
supply load resistors when applying power.
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
CLE332 Series
VF
Forward voltage
-
1.8
2.0
V
IF = 50mA
IR
Reverse current
-
-
10
µA
VR = 5V
λp
Peak wavelength
840
850
860
nm
IF = 50mA
BW
Spectral bandwidth
-
40
-
nm
IF = 50mA
tr, tf
Output rise and fall time
-
10
-
ns
IF = 50mA, 10% - 90%
5mA prebias
CLE332
PO
Total output power
1.5
2.0
-
mW
IF = 50mA
Ee
Irradiance
225
-
-
µW/cm
2
IF = 50mA
θHP
Emission angle at half power points
-
15
-
deg.
IF = 50mA
CLE332E
PO
Total output power
3.5
4.5
-
mW
IF = 50mA
θHP
Emission angle at half power points
-
135
-
deg.
IF = 50mA
CLE332W
PO
Total output power
1.5
2.0
-
mW
IF = 50mA
θHP
Emission angle at half power points
-
80
-
deg.
IF = 50mA


Similar Part No. - CLE332W

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE330E CLAIREX-CLE330E Datasheet
152Kb / 3P
   850nm Super Efficient AlGaAs IREDs
CLE330W CLAIREX-CLE330W Datasheet
152Kb / 3P
   850nm Super Efficient AlGaAs IREDs
CLE331 CLAIREX-CLE331 Datasheet
114Kb / 1P
   AlGaAs Point Source IRED Collimating Lens
CLE331E CLAIREX-CLE331E Datasheet
102Kb / 1P
   Aluminum Gallium Arsenide IRED Point source Die
CLE331W CLAIREX-CLE331W Datasheet
104Kb / 1P
   Aluminum Gallium Arsenide IRED Point Source Die
More results

Similar Description - CLE332W

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
POINT-SOURCE MARKTECH-POINT-SOURCE Datasheet
191Kb / 2P
   Point Source Emitters
POINT-SOURCE MARKTECH-POINT-SOURCE_15 Datasheet
191Kb / 2P
   Point Source Emitters
logo
Clairex Technologies, I...
CLE333 CLAIREX-CLE333 Datasheet
105Kb / 1P
   850nm Point Source Emitter Collimated Radiation
logo
Marktech Corporate
MTE4088P MARKTECH-MTE4088P Datasheet
60Kb / 2P
   Point Source LED
MTPS4088W MARKTECH-MTPS4088W Datasheet
61Kb / 2P
   Point Source LED
MTPS4088WG MARKTECH-MTPS4088WG Datasheet
108Kb / 2P
   Point Source Emitter
MTPS9087W MARKTECH-MTPS9087W Datasheet
61Kb / 2P
   Point Source LED
MTPS8085N MARKTECH-MTPS8085N Datasheet
80Kb / 1P
   Point Source LED
MTPS9067WC MARKTECH-MTPS9067WC Datasheet
576Kb / 1P
   Point Source LED
MTPS8085W MARKTECH-MTPS8085W Datasheet
102Kb / 1P
   Point Source LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com