Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS32GSDHC6 Datasheet(PDF) 11 Page - Transcend Information. Inc.

Part # TS32GSDHC6
Description  4~32GB High Capacity Secure Digital Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32GSDHC6 Datasheet(HTML) 11 Page - Transcend Information. Inc.

Back Button TS32GSDHC6 Datasheet HTML 7Page - Transcend Information. Inc. TS32GSDHC6 Datasheet HTML 8Page - Transcend Information. Inc. TS32GSDHC6 Datasheet HTML 9Page - Transcend Information. Inc. TS32GSDHC6 Datasheet HTML 10Page - Transcend Information. Inc. TS32GSDHC6 Datasheet HTML 11Page - Transcend Information. Inc. TS32GSDHC6 Datasheet HTML 12Page - Transcend Information. Inc. TS32GSDHC6 Datasheet HTML 13Page - Transcend Information. Inc. TS32GSDHC6 Datasheet HTML 14Page - Transcend Information. Inc. TS32GSDHC6 Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
S
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4~32GB High Capacity Secure Digital Card
Transcend Information Inc.
11
Register Information
Within the card interface six registers are defined: OCR, CID, CSD, RCA, DSR and SCR. These can be accessed only
by corresponding commands (see Chapter 4.7). The OCR, CID, CSD and SCR registers carry the card/content specific
information, while the RCA and DSR registers are configuration registers storing actual configuration parameters.
1. OCR register
The 32-bit operation conditions register stores the VDD voltage profile of the card. Additionally, this register
includes status information bits. One status bit is set if the card power up procedure has been finished. This register
includes another status bit indicating the card capacity status after set power up status bit. The OCR register shall be
implemented by the cards. The 32-bit operation conditions register stores the VDD voltage profile of the card. Bit 7 of
OCR is newly defined for Dual Voltage Card and set to 0 in default. If a Dual Voltage Card does not receive CMD8, OCR
bit 7 in the response indicates 0, and the Dual Voltage Card which received CMD8, sets this bit to 1.
Additionally, this register includes 2 more status information bits. Bit 31 - Card power up status bit, this status bit is
set if the card power up procedure has been finished. Bit 30 - Card capacity status bit, this status bit is set to 1 if card is
High Capacity SD Memory Card. 0 indicates that the card is Standard Capacity SD Memory Card. The Card Capacity
status bit is valid after the card power up procedure is completed and the card power up status bit is set to 1. The Host
shall read this status bit to identify a Standard or High Capacity SD Memory Card.
The OCR register shall be implemented by the cards.
OCR Register Definition


Similar Part No. - TS32GSDHC6

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS32GSDHC6-P2 TRANSCEND-TS32GSDHC6-P2 Datasheet
804Kb / 27P
   SDHC Memory Card Reader P2
More results

Similar Description - TS32GSDHC6

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GSDHC2 TRANSCEND-TS4GSDHC2 Datasheet
635Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
   4~16GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS8GSDHC150 TRANSCEND-TS8GSDHC150 Datasheet
480Kb / 24P
   8GB 150X High Capacity Secure Digital Card
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD Datasheet
252Kb / 2P
   Capacity: 128MB to 32GB
logo
Transcend Information. ...
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
Axiomtek Co., Ltd.
CFC AXIOMTEK-CFC Datasheet
185Kb / 1P
   CFast card specification standard, Capacity: 2GB up to 32GB
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
   Industrial Secure Digital Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com