Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1GSD80I Datasheet(PDF) 5 Page - Transcend Information. Inc.

Part # TS1GSD80I
Description  80x Industrial Secure Digital Card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GSD80I Datasheet(HTML) 5 Page - Transcend Information. Inc.

  TS1GSD80I Datasheet HTML 1Page - Transcend Information. Inc. TS1GSD80I Datasheet HTML 2Page - Transcend Information. Inc. TS1GSD80I Datasheet HTML 3Page - Transcend Information. Inc. TS1GSD80I Datasheet HTML 4Page - Transcend Information. Inc. TS1GSD80I Datasheet HTML 5Page - Transcend Information. Inc. TS1GSD80I Datasheet HTML 6Page - Transcend Information. Inc. TS1GSD80I Datasheet HTML 7Page - Transcend Information. Inc. TS1GSD80I Datasheet HTML 8Page - Transcend Information. Inc. TS1GSD80I Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
T
T
TS
S
S1
1
1~
~
~2
2
2G
G
GS
S
SD
D
D8
8
80
0
0III
80x Industrial Secure Digital Card
Transcend Information Inc.
5
Bus Timing (Default)
Parameter
Symbol
Min
Max.
Unit
Remark
Clock CLK (All values are referred to min (VIH) and max (VIL)
Clock frequency Data Transfer Mode
fPP
0
25
MHz
CL ≤ 100 pF, (7 cards)
Clock frequency Identification Mode
(The low freq. is required for MultiMediaCard
compatibility.)
fOD
0
400
KHz
CL ≤ 250 pF, (21 cards)
tWL
10
ns
CL ≤ 100 pF, (7 cards)
Clock low time
50
ns
CL ≤ 250 pF, (21 cards)
tWH
10
ns
CL ≤ 100 pF, (7 cards)
Clock high time
50
ns
CL ≤ 250 pF, (21 cards)
tTLH
10
ns
CL ≤ 100 pF, (7 cards)
Clock rise time
50
ns
CL ≤ 250 pF, (21 cards)


Similar Part No. - TS1GSD80I

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS1GSDC TRANSCEND-TS1GSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
TS1GSDM TRANSCEND-TS1GSDM Datasheet
197Kb / 6P
   numiniSD Memory Card
TS1GSDM80 TRANSCEND-TS1GSDM80 Datasheet
211Kb / 8P
   128M~2GB miniSD Memory Card
TS1GSDOM22V TRANSCEND-TS1GSDOM22V Datasheet
221Kb / 11P
   22P Vertical Type SATA Flash Modules
More results

Similar Description - TS1GSD80I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
   Industrial Secure Digital Card
logo
Apacer Technology Inc.
SD-H1-M APACER-SD-H1-M Datasheet
1Mb / 3P
   Apacer Industrial Secure Digital 3.0 card
SD-H1-SL APACER-SD-H1-SL Datasheet
912Kb / 3P
   Apacer Industrial Secure Digital 3.0 card
logo
Transcend Information. ...
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
Tyco Electronics
2041021 MACOM-2041021 Datasheet
151Kb / 3P
   SECURE DIGITAL CARD CONNECTOR
logo
Transcend Information. ...
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Adam Technologies, Inc.
SD-09-A-SG ADAM-TECH-SD-09-A-SG Datasheet
127Kb / 1P
   SECURE DIGITAL
logo
Red Lion Controls. Inc
RAM-6021 REDLION-RAM-6021 Datasheet
435Kb / 2P
   Secure Industrial Router
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com