Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-9110VW-1RG Datasheet(PDF) 6 Page - Optoway Technology Inc

Part # SPS-9110VW-1RG
Description  1310 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9110VW-1RG Datasheet(HTML) 6 Page - Optoway Technology Inc

  SPS-9110VW-1RG Datasheet HTML 1Page - Optoway Technology Inc SPS-9110VW-1RG Datasheet HTML 2Page - Optoway Technology Inc SPS-9110VW-1RG Datasheet HTML 3Page - Optoway Technology Inc SPS-9110VW-1RG Datasheet HTML 4Page - Optoway Technology Inc SPS-9110VW-1RG Datasheet HTML 5Page - Optoway Technology Inc SPS-9110VW-1RG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Optoway
SPS-9130VW-1T1RG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2009 V1.0
6
REVISION HISTORY
Version
Subject
Release Date
1.0
Initial datasheet
2009/3/1


Similar Part No. - SPS-9110VW-1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9110VW-1RG OPTOWAY-SPS-9110VW-1RG Datasheet
141Kb / 5P
   1260 to 1620 nm / 3 Gb/s Single Optical SM Digital Diagnostic Receiver
SPS-9110VW-1RG OPTOWAY-SPS-9110VW-1RG Datasheet
117Kb / 5P
   1310 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9110VW-1RG OPTOWAY-SPS-9110VW-1RG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9110VW-1RG OPTOWAY-SPS-9110VW-1RG Datasheet
117Kb / 5P
   1310 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9110VW-1RG OPTOWAY-SPS-9110VW-1RG_15 Datasheet
137Kb / 5P
   3 Gb/s Single Optical SM Digital Diagnostic Receiver
More results

Similar Description - SPS-9110VW-1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9110VW-1T1RG OPTOWAY-SPS-9110VW-1T1RG Datasheet
151Kb / 6P
   1310 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-7110VW-1T1RG OPTOWAY-SPS-7110VW-1T1RG Datasheet
148Kb / 6P
   1310 nm / 1.5 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-9110VW-1TG OPTOWAY-SPS-9110VW-1TG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9130VW-1TG OPTOWAY-SPS-9130VW-1TG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9350VW-1T1RG OPTOWAY-SPS-9350VW-1T1RG Datasheet
151Kb / 6P
   1550 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-9380VW-1T1RG OPTOWAY-SPS-9380VW-1T1RG Datasheet
151Kb / 6P
   1550 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-7110VW-1TG OPTOWAY-SPS-7110VW-1TG Datasheet
141Kb / 5P
   1310 nm / 1.5 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-93120VW-1TG OPTOWAY-SPS-93120VW-1TG Datasheet
143Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9350VW-1TG OPTOWAY-SPS-9350VW-1TG Datasheet
142Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9380VW-1TG OPTOWAY-SPS-9380VW-1TG Datasheet
142Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com