Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-9102G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-9102G
Description  3.3V / 1310 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9102G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-9102G_08 Datasheet HTML 1Page - Optoway Technology Inc SPS-9102G_08 Datasheet HTML 2Page - Optoway Technology Inc SPS-9102G_08 Datasheet HTML 3Page - Optoway Technology Inc SPS-9102G_08 Datasheet HTML 4Page - Optoway Technology Inc SPS-9102G_08 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-9102G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V2.0
1
SPS-9102G / SPS-9102AG
(RoHS Compliant)
3.3V / 1310 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with Intra-Office SONET OC-48 SR / SDH
STM-16 (I-16)
l Compliant with Fibre Channel 1x/2x SM-LC-L FC-PI
l Compliant with IEEE 802.3z 1000BASE-LX
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l -10 to 85oC Operation: SPS-9102G
l -40 to 85oC Operation: SPS-9102AG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l ATM Switches and Routers
l SONET / SDH Switch Infrastructure
l XDSL Applications
l Metro Edge Switching
DESCRIPTION
The SPS-9102G series single mode transceivers is small
form factor pluggable module for bi-directional serial
optical data communications such as SONET OC-48 / SDH
STM-16 (I-16), Gigabit Ethernet 1000BASE-LX and Fibre
Channel 1x/2x SM-LC-L FC-PI. It is with the SFP 20-pin
connector to allow hot plug capability. This module is
designed for single mode fiber and operates at a nominal
wavelength of 1310 nm. The transmitter section uses a
multiple
quantum well laser
and is a class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-9102G
2.488
SR/I-16
2
1310
LC SFP
-10 to 85
-3 to -9.5
-18
Yes
SPS-9102AG
2.488
SR/I-16
2
1310
LC SFP
-40 to 85
-3 to -9.5
-18
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
-10
-40
85
85
oC
SPS-9102G
SPS-9102AG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Case Temperature
Topr
-10
-40
85
85
oC / SPS-9102G
oC / SPS-9102AG
Power Supply Current
ICC (TX+RX)
200
300
mA
Data Rate
622
2488
2670
Mb/s / 1
1. OC-48, Gigabit Ethernet and 1x/2x Fibre Channel compliant.


Similar Part No. - SPS-9102G_08

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9102G OPTOWAY-SPS-9102G_15 Datasheet
149Kb / 5P
   2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9102G_2015 OPTOWAY-SPS-9102G_2015 Datasheet
149Kb / 5P
   2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-9102G_08

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9140G OPTOWAY-SPS-9140G_08 Datasheet
149Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9115G OPTOWAY-SPS-9115G_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9102G OPTOWAY-SPS-9102G Datasheet
150Kb / 4P
   3.3V / 1310 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9115G OPTOWAY-SPS-9115G Datasheet
150Kb / 4P
   3.3V / 1310 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
logo
Opto Electronics Co,. L...
SPS-9140G E-OEC-SPS-9140G Datasheet
144Kb / 4P
   3.3V / 1310 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
logo
Optoway Technology Inc
SPS-9140G OPTOWAY-SPS-9140G Datasheet
150Kb / 4P
   3.3V / 1310 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9115WG OPTOWAY-SPS-9115WG_08 Datasheet
149Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9102WG OPTOWAY-SPS-9102WG_08 Datasheet
149Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9102WG OPTOWAY-SPS-9102WG Datasheet
150Kb / 4P
   3.3V / 1310 nm / 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9140WG OPTOWAY-SPS-9140WG Datasheet
150Kb / 4P
   3.3V / 1310 nm / 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com