Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM1290 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHM1290
Description  20-30GHz SUB-HARMONICALLY PUMPED MIXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM1290 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHM1290 Datasheet HTML 1Page - United Monolithic Semiconductors CHM1290 Datasheet HTML 2Page - United Monolithic Semiconductors CHM1290 Datasheet HTML 3Page - United Monolithic Semiconductors CHM1290 Datasheet HTML 4Page - United Monolithic Semiconductors CHM1290 Datasheet HTML 5Page - United Monolithic Semiconductors CHM1290 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHM1290
Ref. : DSCHM12902045 - 14-Feb.-02
1/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
20-30GHz SUB-HARMONICALLY PUMPED MIXER
GaAs Monolithic Microwave IC
Description
The CHM1290 is a MFC which integrates a self
biased
LO
buffer
amplifier
and
a
sub-
harmonically diodes mixer for 2LO suppression
It is usable both for up-conversion and down-
conversion. It is designed for a wide range of
applications,
typically
commercial
communication systems for broadband local
access (LMDS). The backside of the chip is both
RF and DC grounds. This helps simplify the
assembly process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, capacities over via
holes, via holes through the substrate, air
bridges and electron beam gate lithography.
It is available in chip form.
Main Features
Broadband performance : 20-30GHz
10dB conversion Loss
29dB 2LO to RF isolation
-4dBm LO input power
-3dBm input power 1 dB compression
Low DC power consumption, 33mA@4.0V
Chip size : 0.86 X 1.28 X 0.10 mm
Main Characteristics
Tamb. = 25°C
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
20
30
GHz
FLO
LO frequency range
10
15
GHz
FIF
IF frequency range
DC
6
GHz
Lc
Conversion Loss
10
12
dB
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHM1290

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1290-99F UMS-CHM1290-99F Datasheet
242Kb / 6P
   20-30GHz Sub-Harmonic Mixer
CHM1290-99F UMS-CHM1290-99F_15 Datasheet
242Kb / 6P
   20-30GHz Sub-Harmonic Mixer
CHM1290REF UMS-CHM1290REF Datasheet
199Kb / 8P
   20-30GHz SUB-HARMONICALLY PUMPED MIXER
CHM1290REF/24 UMS-CHM1290REF/24 Datasheet
199Kb / 8P
   20-30GHz SUB-HARMONICALLY PUMPED MIXER
More results

Similar Description - CHM1290

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1290REF UMS-CHM1290REF Datasheet
199Kb / 8P
   20-30GHz SUB-HARMONICALLY PUMPED MIXER
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC264 HITTITE-HMC264_09 Datasheet
338Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
logo
Analog Devices
HMC338 AD-HMC338 Datasheet
412Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com