Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ES51999 Datasheet(PDF) 19 Page - Cyrustek corporation

Part No. ES51999
Description  4 3/4 and 5 3/4 A/D AUTO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51999 Datasheet(HTML) 19 Page - Cyrustek corporation

Back Button ES51999 Datasheet HTML 13Page - Cyrustek corporation ES51999 Datasheet HTML 14Page - Cyrustek corporation ES51999 Datasheet HTML 15Page - Cyrustek corporation ES51999 Datasheet HTML 16Page - Cyrustek corporation ES51999 Datasheet HTML 17Page - Cyrustek corporation ES51999 Datasheet HTML 18Page - Cyrustek corporation ES51999 Datasheet HTML 19Page - Cyrustek corporation ES51999 Datasheet HTML 20Page - Cyrustek corporation ES51999 Datasheet HTML 21Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
07/07/06
19
ES51999
4 3/4 and 5 3/4 A/D AUTO
Testing Circuit
V+
V+
CAZ
RAZ
CINT
BUF
BUFX10
Cref-
IVSH
OVX
OVH
OVSG
OR1
VR5
VR4
VR3
VR2
TEST5
ACVL
ACVH
ADI
ADO
LBATT
Cref+
IVSL
DGND
AGND
AGND
NC
VRH
NC
NC
VR1
V400m
NC
NC
NC
NC-
NC+
FREQ
BUZIN
BUZOUT
OSC1
OSC2
VCC
STATUS
SCLK
OSC4M
V-
NC
NC
VR
NC
EOC
V-
SGND
100
1K
10K
101K
1.11M
200K
18K
5K
33n
0.47u
470n
100
100K
220pF
1.5K
PTC
88M
15K
15K
0.1u
0.47u
1u
1u
D1
D2
10K
5K
Zener 6V
91K 20K
1u
+
+
10M
200 2.2u
1.5K
PTC
5V
Regulator
8051
serial
0.1u
0.1u
10u
4.7u2
9V
900
0.1u
180K
Vss Vc
+
4.7u
100K
100K
90
9
0.99
0.01
10A
SGN
uA
uA
mA
mA
10A
CR
820K
100K
uA
mA
+
+
+
+
+
+
Vc
V-
5.6V
7.5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn