Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ES51999 Datasheet(PDF) 18 Page - Cyrustek corporation

Part No. ES51999
Description  4 3/4 and 5 3/4 A/D AUTO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51999 Datasheet(HTML) 18 Page - Cyrustek corporation

Back Button ES51999 Datasheet HTML 13Page - Cyrustek corporation ES51999 Datasheet HTML 14Page - Cyrustek corporation ES51999 Datasheet HTML 15Page - Cyrustek corporation ES51999 Datasheet HTML 16Page - Cyrustek corporation ES51999 Datasheet HTML 17Page - Cyrustek corporation ES51999 Datasheet HTML 18Page - Cyrustek corporation ES51999 Datasheet HTML 19Page - Cyrustek corporation ES51999 Datasheet HTML 20Page - Cyrustek corporation ES51999 Datasheet HTML 21Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
07/07/06
18
ES51999
4 3/4 and 5 3/4 A/D AUTO
SCLK and STATUS are input from microprocessor:
Vss
(V-)+0.8V
(V-)+2.1V
Vcc
tri
tfi
Note: Vss = V-
Symbol
Condition
Min
Max
Units
tro
A/D to uP
-
20
ns
tfo
A/D to uP
-
20
ns
tri
uP to A/D
-
20
ns
tfi
uP to A/D
-
20
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn