Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51999 Datasheet(PDF) 17 Page - Cyrustek corporation

Part # ES51999
Description  4 3/4 and 5 3/4 A/D AUTO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51999 Datasheet(HTML) 17 Page - Cyrustek corporation

Back Button ES51999 Datasheet HTML 13Page - Cyrustek corporation ES51999 Datasheet HTML 14Page - Cyrustek corporation ES51999 Datasheet HTML 15Page - Cyrustek corporation ES51999 Datasheet HTML 16Page - Cyrustek corporation ES51999 Datasheet HTML 17Page - Cyrustek corporation ES51999 Datasheet HTML 18Page - Cyrustek corporation ES51999 Datasheet HTML 19Page - Cyrustek corporation ES51999 Datasheet HTML 20Page - Cyrustek corporation ES51999 Datasheet HTML 21Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
07/07/06
17
ES51999
4 3/4 and 5 3/4 A/D AUTO
Conversion time
Range
C[0] = 0
C[0] = 1
40Hz
0.8s ~ 2s
400Hz
0.16s ~ 0.4s
4000Hz
0.16s ~ 0.4s
40KHz
110ms
1.1s
400KHz
110ms
1.1s
4MHz
110ms
1.1s
40MHz
110ms
1.1s
400MHz
110ms
1.1s
(10)Voltage/Current Measurement with Frequency Counter
When F[0:2] = “001” or “011”, ES51999 measures frequency of input together with
voltage/current. At this measurement mode, voltage (or current) input is VR1/400mV (or
IVSH/IVSL), and frequency input is FREQ. Q[0:2] is the range of voltage/current
measurement, and C[0:2] is the range of frequency measurement. Only 40K to 400MHz
ranges are selectable here. Unlike frequency measurement (F[0:2] = “110”), duty cycle is
not measured in this mode. The conversion time is fixed at 110ms. Voltage/current can
count up to 54,000 (or 540,000 when 10MHz OSC is used). AC and PEAK can still be
active. D0 is the output of voltage/current, and (10×D1) is the result of frequency.
(11) SLEEP mode
If SLEEP bit is set ‘H’ by uP, ES51999 enters sleep mode. In sleep mode, if SCLK keeps
low, all the circuit is shut down, and the supply current is about 0.1uA. If SCLK is high
in sleep mode, only the oscillator is active to prepare for the following re-power
operation.
(12) Digital Signals Rising and Falling times
The digital signals include EOC, SCLK, and STATUS, and those rising and falling times
are defined as follow:
EOC and STATUS are output to microprocessor:
V-
(V-)+0.8V
(V-)+2.1V
V+
tro
tfo


Similar Part No. - ES51999

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
More results

Similar Description - ES51999

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51966 CYRUSTEK-ES51966 Datasheet
466Kb / 25P
   4 3/4 and 5 3/4 A/D (Peak &Cap)
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51977 CYRUSTEK-ES51977 Datasheet
270Kb / 21P
   3 3/4 AUTO EASY
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com