Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ES51999 Datasheet(PDF) 8 Page - Cyrustek corporation

Part No. ES51999
Description  4 3/4 and 5 3/4 A/D AUTO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51999 Datasheet(HTML) 8 Page - Cyrustek corporation

Back Button ES51999 Datasheet HTML 4Page - Cyrustek corporation ES51999 Datasheet HTML 5Page - Cyrustek corporation ES51999 Datasheet HTML 6Page - Cyrustek corporation ES51999 Datasheet HTML 7Page - Cyrustek corporation ES51999 Datasheet HTML 8Page - Cyrustek corporation ES51999 Datasheet HTML 9Page - Cyrustek corporation ES51999 Datasheet HTML 10Page - Cyrustek corporation ES51999 Datasheet HTML 11Page - Cyrustek corporation ES51999 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
07/07/06
8
ES51999
4 3/4 and 5 3/4 A/D AUTO
ZERO ‘H’ for zero calibration.
X10 ‘H’ for X10 function.
SLEEP ‘H’ for DMM in sleep mode.
mode 2: ES51999 sends the status and counts ( counter from DINT ) to uP.
t
0 is at least 5ms and t1 must be (32 ~ 512)T, where T = 0.25µs.
t
2 is the time from the rising edge of EOC to the last data been transferred. t2 is no
more than 4.9ms. That is, all results must be transferred within 4.9ms from the
rising edge of EOC.
The detail timing between SCLK and STATUS is as follow:
Serial Data Format (STATUS):
- Voltage (“000”), current (“010”), resistance (“100”) and diode (“101”)
measurement
SIGN
0
BATT
D0<0:19> (20 bits)
012
3 ~ 22
SIGN ‘H’ for negative; ‘L’ for positive. In AC,
Ω and diode measurement, this bit
can be ignored.
BATT ‘H’ for battery-low indication.
D0<0:19> Conversion results (magnitude). The format is binary code. LSB outputs
(32 ~ 512)T with 30 ~ 70% duty cycle
(VCC)
(V-)
STATUS
S
1
(VCC)
(V-)
SCLK
S
0
S
n-1
S
n
S
final
status & counts
EOC(O)
SCLK(I)
STATUS(O)
(VCC)
(V-)
(VCC)
(V-)
(VCC)
(V-)
t
1
one conversion period
t
0
t
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn