Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51993 Datasheet(PDF) 8 Page - Cyrustek corporation

Part # ES51993
Description  11,000 Counts ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51993 Datasheet(HTML) 8 Page - Cyrustek corporation

Back Button ES51993 Datasheet HTML 4Page - Cyrustek corporation ES51993 Datasheet HTML 5Page - Cyrustek corporation ES51993 Datasheet HTML 6Page - Cyrustek corporation ES51993 Datasheet HTML 7Page - Cyrustek corporation ES51993 Datasheet HTML 8Page - Cyrustek corporation ES51993 Datasheet HTML 9Page - Cyrustek corporation ES51993 Datasheet HTML 10Page - Cyrustek corporation ES51993 Datasheet HTML 11Page - Cyrustek corporation ES51993 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
06/09/20
8
ES51993
11,000 Counts ADC
4. Special function
4.1 Peak Hold
ES51993 provide a Peak Hold function to capture the REAL peak value for voltage or
current measurement mode. In a case of a 1V sine wave input voltage, the Peak Hold
function gets a PMAX value of 1.414V and PMIN value of –1.414V. Set the bit PEAK
of STATUS byte3 to high to force the ES51993 enter PEAK mode.. In the PEAK mode,
ES51993 takes high input from PHin and low input from AGND. Peak Hold function is
divided into two parts of peak maximum and peak minimum conversion. ES51993
performs peak maximum and peak minimum conversion by turns, not at the same time.
The bit PMAX and PMIN of STATUS Byte2 present which type the peak value is.
4.2 Peak Calibration
In PEAK mode, the offset voltage of internal OP Amps will cause an error. To obtain a
more accurate value, this offset effect must be canceled. ES51993 provides the Peak
Calibration feature to remove the influence on accuracy by internal offset voltage. Set
the bit PCAL of STATUS Byte2 to high to enter Peak Calibration mode. In this mode,
ES51993 will output the calibration value of peak maximum and minimum conversion
by turns. The calibration value is the error rise from offset voltage, and it muse be
recorded. In PEAK mode, the peak value must minus the calibration value to remove
the error.
Note:
1. After entering Peak or PCAL mode, it is recommended to leave the Peak or PCAL
mode first. Then wait one conversion time delay before change mode to PCAL or
Peak mode, respectively. The time delay is necessary for normalizing the charge of
P
MAX/PMIN capacitor.
2. When buzzer control bit is active, the Peak & PCAL mode are not allowed.


Similar Part No. - ES51993

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
More results

Similar Description - ES51993

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51973 ETC1-ES51973 Datasheet
261Kb / 18P
   22000 COUNTS DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com