Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51993 Datasheet(PDF) 3 Page - Cyrustek corporation

Part # ES51993
Description  11,000 Counts ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51993 Datasheet(HTML) 3 Page - Cyrustek corporation

  ES51993 Datasheet HTML 1Page - Cyrustek corporation ES51993 Datasheet HTML 2Page - Cyrustek corporation ES51993 Datasheet HTML 3Page - Cyrustek corporation ES51993 Datasheet HTML 4Page - Cyrustek corporation ES51993 Datasheet HTML 5Page - Cyrustek corporation ES51993 Datasheet HTML 6Page - Cyrustek corporation ES51993 Datasheet HTML 7Page - Cyrustek corporation ES51993 Datasheet HTML 8Page - Cyrustek corporation ES51993 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
06/09/20
3
ES51993
11,000 Counts ADC
Pin Description
Pin No
Symbol
Type
Description
1
CAZ
I
Auto-zero capacitor connection.
2
CINT
O
Integrator output. Connect to integral capacitor
3
CREF+
I/O Positive connection for reference capacitor.
4
CREF-
I/O Negative connection for reference capacitor.
5
REF+
I
Differential reference high voltage input.
6
REF-
I
Differential reference low voltage input.
7
BUF
O
Buffer output pin. Connect to integral resistor
8
RAZ
O
Buffer output pin in high-speed mode. Connect to high-speed integral
resistor.
9
PHin
I
Pick hold signal input which is reference to AGND
10
PMAX
O
Minimum peak hold output capacitor connection.
11
PMIN
O
Maximum peak hold output capacitor connection.
12
VIN+
I
Analog differential high signal input.
13
VIN1+
I
Analog signal high input1
14
VIN2+
I
Analog signal high input2
15
VIN-
I
Analog differential low signal input.
16
SDATA
I/O Serial data I/O pin. Nch open-drain output.
17
SCLK
I
Serial clock input pin.
18
EOC
O
An indicator for ADC conversion ending.
19
BUZOUT
O
Buzzer frequency output
20
uP_VCC
I
MPU I/O port power level selection
21
OSC2
O
Crystal oscillation connection
22
OSC1
I
Crystal oscillation connection
23
C-
O
Negative capacitor connection for on-chip DC-DC converter.
24
C+
O
Positive capacitor connection for on-chip DC-DC converter.
25
CS
I
Chip select input pin. Pull to Low to enter power down mode.
26
I/O_control
I
MPU I/O port ground level selection
27
LBAT
I
Low battery configuration. If 3V battery is used, connect it to AGND.
The default low-battery threshold voltage is –2.3V. If 9V or other
battery voltage is used, the low battery annunciator is displayed when
the voltage of this pin is less than V12
28
DGND
G
Digital ground
29
V+
O/P Output of on-chip DC-DC converter.
30
V-
P
Negative supply voltage. Connecting to 3V battery negative terminal.
31
AGND
G
Analog ground
32
V12
O
Output of band-gap voltage reference. Typically –1.23V


Similar Part No. - ES51993

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
More results

Similar Description - ES51993

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51973 ETC1-ES51973 Datasheet
261Kb / 18P
   22000 COUNTS DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com