Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM1191 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHM1191
Description  GaAs Monolithic Microwave IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM1191 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHM1191 Datasheet HTML 1Page - United Monolithic Semiconductors CHM1191 Datasheet HTML 2Page - United Monolithic Semiconductors CHM1191 Datasheet HTML 3Page - United Monolithic Semiconductors CHM1191 Datasheet HTML 4Page - United Monolithic Semiconductors CHM1191 Datasheet HTML 5Page - United Monolithic Semiconductors CHM1191 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHM1191
Ref. :DSCHM11919025
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
K Band Mixer
GaAs Monolithic Microwave IC
Description
The CHM1191 is a balanced Schottky
diode mixer based on a six quarter wave
ring structure. It could be use in receiver or
transmitter part.
This circuit is manufactured with the BES-
MMIC process:
1 µm
Schottky diode
device, air bridges, via holes through the
substrate, stepper lithography.
An electrically identical chip with a mirror
drawing versus de LO side is available
under the part number CHM1190. These
two MMICs could be helpful in a TX, RX
architecture module.
It is available in chip form.
Main Features
■ 22-24 GHz LO frequency range
■ IF from 1 to 3 GHz
■ Low conversion loss up & down
■ High LO/RF isolation
■ Low LO input power
■ Small chip size: 1.73 x 1.53 x 0.10 mm
LO
IF
RF
-12
-10
-8
-6
-4
-2
21
22
23
24
25
LO Frequency (GHz)
IF=2GHz
Typical conversion characteristic
(measurement in test fixture)
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Typ
Unit
F_LO,
LO frequency range
22-24
GHz
F_IF
IF frequency range
1 - 3
GHz
Lc
Conversion loss @ P-LO = 7dBm
7
dB
I_LO/RF
LO/RF isolation
30
dBc
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHM1191

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1190 UMS-CHM1190 Datasheet
89Kb / 6P
   K Band Mixer
CHM1190-99F/00 UMS-CHM1190-99F/00 Datasheet
89Kb / 6P
   K Band Mixer
CHM1193 UMS-CHM1193 Datasheet
87Kb / 6P
   K-Band Mixer
CHM1193-99F/00 UMS-CHM1193-99F/00 Datasheet
87Kb / 6P
   K-Band Mixer
More results

Similar Description - CHM1191

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
   GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
   GaAs Monolithic Microwave IC
CHA2411-QDG UMS-CHA2411-QDG Datasheet
684Kb / 10P
   GaAs Monolithic Microwave IC In QFN package
CHA2066-QAG UMS-CHA2066-QAG_15 Datasheet
211Kb / 12P
   GaAs Monolithic Microwave IC in SMD leadless package
logo
Siemens Semiconductor G...
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
   GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
logo
United Monolithic Semic...
CHC3014 UMS-CHC3014 Datasheet
1Mb / 16P
   X-band RX-TX Core Chip GaAs Monolithic Microwave IC
CHA6550-98F UMS-CHA6550-98F Datasheet
849Kb / 12P
   17-23.6GHz Power Amplifier GaAs Monolithic Microwave IC bare die
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com