Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51961 Datasheet(PDF) 11 Page - Cyrustek corporation

Part # ES51961
Description  3 3/4 MANU DMM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51961 Datasheet(HTML) 11 Page - Cyrustek corporation

Back Button ES51961 Datasheet HTML 7Page - Cyrustek corporation ES51961 Datasheet HTML 8Page - Cyrustek corporation ES51961 Datasheet HTML 9Page - Cyrustek corporation ES51961 Datasheet HTML 10Page - Cyrustek corporation ES51961 Datasheet HTML 11Page - Cyrustek corporation ES51961 Datasheet HTML 12Page - Cyrustek corporation ES51961 Datasheet HTML 13Page - Cyrustek corporation ES51961 Datasheet HTML 14Page - Cyrustek corporation ES51961 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ES51961
3 3/4 MANU DMM
2006/1/24
11
Frequency Counter
The timebase of ES51961 is derived by a crystal or internal RC clock
oscillator. The timebase of counter is :
4,000,000
Tcount =
Fosc
Thus, the counter will operate with a 1 second timebase when a 4MHz crystal
oscillator is used. For accurate frequency measurement, a crystal oscillator is
recommended. The frequency counter can automatically select the proper range.
Autorange operation extends over five decades from 1 Hz to 399.9 MHz.
Range
Full Scale
FR1
FR2
FR3
FR4
FR5
FR6
3.999 KHZ
39.99 KHZ
399.9 KHZ
3.999 MHZ
39.99 MHZ
399.9 MHZ
<4> Period input(10M)
0.1 us
Hi
Lo
<5> Unknow
VH(4.0,2.4,1.5V)
VL(0.8V)
input
300 ms
300 ms
0.5~1 ms


Similar Part No. - ES51961

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
More results

Similar Description - ES51961

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
logo
Maxim Integrated Produc...
MAX134CMH MAXIM-MAX134CMH Datasheet
982Kb / 20P
   3 3/4 Digit DMM Circuit
1995
logo
Cyrustek corporation
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com