Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES5108CE Datasheet(PDF) 9 Page - Cyrustek corporation

Part # ES5108CE
Description  ADC with serial output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5108CE Datasheet(HTML) 9 Page - Cyrustek corporation

Back Button ES5108CE Datasheet HTML 5Page - Cyrustek corporation ES5108CE Datasheet HTML 6Page - Cyrustek corporation ES5108CE Datasheet HTML 7Page - Cyrustek corporation ES5108CE Datasheet HTML 8Page - Cyrustek corporation ES5108CE Datasheet HTML 9Page - Cyrustek corporation ES5108CE Datasheet HTML 10Page - Cyrustek corporation ES5108CE Datasheet HTML 11Page - Cyrustek corporation ES5108CE Datasheet HTML 12Page - Cyrustek corporation ES5108CE Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CYRUSTEK CO.
ES5108 3 1/2 Digit
ADC with serial output
4
Timing Waveforms
Functional Description
1
Analog Common
The Common pin is used to set the common-mod voltage for the system in which the input signals are floating with
respect to the power supply of the ES5108. In most of the applications, VIN-, VREF- and COMMON pins are tied to
the same point, so that the common mode voltage can be removed from the reference system and the converter. In some
applictions, VIN- may not at the same point with COMMON and thus a common mode voltage exists in the system, The
high CMRR(86db typical) of the ES5108 can take care of this common mode voltage. Nevertheless, it should be care to
prevent the output of the integrator from saturation.
The COMMON pin is also used as a voltage reference. It sets a voltage of around 2.9 volts more negative than the
positive supply. The COMMON voltage of ES5108 has a low output impedance of
typical.
The analog COMMON is tied internally to an N-channel FET capable of sinking 30mA. This FET will hold the COM-
MON voltage at 2.9 volts when an external load attempts to pull the COMMON voltage toward the positive supply.
The source current of COMMON is only 10 A, so it is easy to pull COMMON voltage to a more negative voltage
with respect to the positive supply.
When the total supply voltage is large enough to cause the zener to regulate(>7V), the COMMON voltage will have
a low temperature coefficient typically less than
C. This voltage can be used to generate the ES5108 reference
voltage and anexternal voltage reference will be unnecessary in most cases.
9
November 23, 2006


Similar Part No. - ES5108CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES5108 ETC1-ES5108 Datasheet
436Kb / 15P
   ADC with serial output
ES5108F ETC1-ES5108F Datasheet
436Kb / 15P
   ADC with serial output
ES5108S ETC1-ES5108S Datasheet
436Kb / 15P
   ADC with serial output
More results

Similar Description - ES5108CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES5108 ETC1-ES5108 Datasheet
436Kb / 15P
   ADC with serial output
logo
Analog Devices
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
logo
Linear Technology
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
logo
Maxim Integrated Produc...
MAX1298 MAXIM-MAX1298_12 Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
MAX1298 MAXIM-MAX1298 Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1098-MAX1099 MAXIM-MAX1098-MAX1099 Datasheet
240Kb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 7/00
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
logo
Linear Technology
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com