Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES5108 Datasheet(PDF) 4 Page - Cyrustek corporation

Part # ES5108
Description  ADC with serial output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5108 Datasheet(HTML) 4 Page - Cyrustek corporation

  ES5108_06 Datasheet HTML 1Page - Cyrustek corporation ES5108_06 Datasheet HTML 2Page - Cyrustek corporation ES5108_06 Datasheet HTML 3Page - Cyrustek corporation ES5108_06 Datasheet HTML 4Page - Cyrustek corporation ES5108_06 Datasheet HTML 5Page - Cyrustek corporation ES5108_06 Datasheet HTML 6Page - Cyrustek corporation ES5108_06 Datasheet HTML 7Page - Cyrustek corporation ES5108_06 Datasheet HTML 8Page - Cyrustek corporation ES5108_06 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CYRUSTEK CO.
ES5108 3 1/2 Digit
ADC with serial output
2
SSOP-48pin
VINT
V-
EOC
BZINN
SDO
CLK
BZINS
BZOUT
LB
HOLD
FREQ/VOLT
V+
KHz/F3/E3
A3/G3/D3
B3/C3/DP2
HOLD/F2/E2
A2/G2/D2
B2/C2/DP1
MIN/B4C4/DP3
CONT/-/MHz
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
9
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
COM1
COM2
COM3
DINT
ANNUNC
DP2
DP3
MAX/MIN
B1/C1/BAT
VBUFF
CAZ
VIN-
VIN+
ANA-COM
CREF-
CREF+
VREF-
VREF+
DGND
OSC3
OSC2
OSC1
INT
FREQ-IN
DP1
RESET
MAX/F1/E1
A1/G1/D1
4
November 23, 2006


Similar Part No. - ES5108_06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES5108F ETC1-ES5108F Datasheet
436Kb / 15P
   ADC with serial output
ES5108S ETC1-ES5108S Datasheet
436Kb / 15P
   ADC with serial output
More results

Similar Description - ES5108_06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES5108 ETC1-ES5108 Datasheet
436Kb / 15P
   ADC with serial output
logo
Analog Devices
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
logo
Linear Technology
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
logo
Maxim Integrated Produc...
MAX1298 MAXIM-MAX1298_12 Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
MAX1298 MAXIM-MAX1298 Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1098-MAX1099 MAXIM-MAX1098-MAX1099 Datasheet
240Kb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 7/00
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
logo
Linear Technology
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com