Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES5106 Datasheet(PDF) 8 Page - Cyrustek corporation

Part # ES5106
Description  3 1/2 DIGIT A/D CONVERTER W/LCD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5106 Datasheet(HTML) 8 Page - Cyrustek corporation

Back Button ES5106_03 Datasheet HTML 4Page - Cyrustek corporation ES5106_03 Datasheet HTML 5Page - Cyrustek corporation ES5106_03 Datasheet HTML 6Page - Cyrustek corporation ES5106_03 Datasheet HTML 7Page - Cyrustek corporation ES5106_03 Datasheet HTML 8Page - Cyrustek corporation ES5106_03 Datasheet HTML 9Page - Cyrustek corporation ES5106_03 Datasheet HTML 10Page - Cyrustek corporation ES5106_03 Datasheet HTML 11Page - Cyrustek corporation ES5106_03 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ES5106
3 1/2 DIGIT A/D CONVERTERW/LCD
03/05/14
8
ELECTRICAL CHARACTERISTICS (continued)
Limit
Characteristic
Test Condition
Min.
Typ.
Max.
Units
Roll-Over Error
-VIN=+VIN〜200.0mV
-1
±0.2
+1
Counts
Common Mode
Rejection Ratio
VCM=±1V,VIN=0V
Full-Scale=200.0mV
50
-μ
V/V
Noise
VIN=0V,Full-
Scale=200.0mV
15
-μ
Vp-p
Input Leakage Current VIN=0V
110
pA
Zero Reading Drift
VIN=0V,0℃≦TA≦+70
0.2
1
μ
V/℃
Scale Factor
Temperature
Coefficient
VIN=199.0mV,0℃≦TA
+70℃
Ext.Ref.=0ppm/℃
15
ppm/℃
Analog
COMMON
Voltage
(with respect to V+)
25KΩ Between
Common
and Positive Supply
2.8
3.0
3.2
V
Analog COMMON
Temperature
Coefficient
25KΩ Between
Common
and V+,0℃≦TA≦70℃
60
75
ppm/℃
Segment
Drive
Voltage
V+ to V-=9V
4
5
6
V
Back
plane
Drive
Voltage
V+ to V-=9V
4
5
6
V
Supply Current (Does
not
include
COMMON current)
VIN=0V
0.5
0.65
mA


Similar Part No. - ES5106_03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5107 CYRUSTEK-ES5107 Datasheet
282Kb / 20P
   31/2 DIGIT A/D CONVERTER W/LED
logo
Kemet Corporation
ES5107M016AE1EA KEMET-ES5107M016AE1EA Datasheet
92Kb / 2P
   Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
ES5108 ETC1-ES5108 Datasheet
436Kb / 15P
   ADC with serial output
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108 Datasheet
521Kb / 18P
   ADC with serial output
More results

Similar Description - ES5106_03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Cyrustek corporation
ES5107 CYRUSTEK-ES5107 Datasheet
282Kb / 20P
   31/2 DIGIT A/D CONVERTER W/LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com