Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA5390-99F Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA5390-99F
Description  24-30GHz Medium Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5390-99F Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA5390-99F Datasheet HTML 1Page - United Monolithic Semiconductors CHA5390-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHA5390-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHA5390-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHA5390-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHA5390-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHA5390-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHA5390-99F Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
24-30GHz Medium Power Amplifier
CHA5390
Ref. : CHA53901012 - 12-Jan.-01
5/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical In JIG Measurements
Bias Conditions :
Vd1,2,3,4 = 5 Volt, Vg1,2,3,4 for Id = 460 mA
In JIG Scattering Parameters
-25
-20
-15
-10
-5
0
5
10
15
5
10
15202530
3540
Frequency (GHz)
-10
-5
0
5
10
15
20
25
30
S11 (dB)
S22 (dB)
S21 (dB)
Power Measurements
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
24
25
26
27
28
29
30
31
32
Frequency (GHz)
P-1dB (dBm)
Linear Gain (dB)
Associated PAE (%)


Similar Part No. - CHA5390-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5390TBF UMS-CHA5390TBF Datasheet
169Kb / 6P
   24-30GHz Medium Power Amplifier
CHA5390TBF/24 UMS-CHA5390TBF/24 Datasheet
169Kb / 6P
   24-30GHz Medium Power Amplifier
More results

Similar Description - CHA5390-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5390TBF UMS-CHA5390TBF Datasheet
169Kb / 6P
   24-30GHz Medium Power Amplifier
CHA3693-QDG UMS-CHA3693-QDG Datasheet
389Kb / 10P
   20-30GHz Medium Power Amplifier
CHA2293 UMS-CHA2293_15 Datasheet
190Kb / 6P
   24-30GHz Low Noise, Variable Gain Amplifier
CHA2293 UMS-CHA2293_07 Datasheet
276Kb / 7P
   24-30GHz Low Noise, Variable Gain Amplifier
CHA4092REF UMS-CHA4092REF Datasheet
66Kb / 4P
   20-30GHz High Power Amplifier
CHA5296 UMS-CHA5296 Datasheet
180Kb / 6P
   27-30GHz High Power Amplifier
CHA5296 UMS-CHA5296_07 Datasheet
234Kb / 6P
   27-30GHz High Power Amplifier
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193_15 Datasheet
149Kb / 10P
   20-30GHz Low Noise Amplifier
CHR2295 UMS-CHR2295 Datasheet
144Kb / 6P
   24-30GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com