Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9301FP Datasheet(PDF) 9 Page - Davicom Semiconductor, Inc.

Part # DM9301FP
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9301FP Datasheet(HTML) 9 Page - Davicom Semiconductor, Inc.

Back Button DM9301FP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 13Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DM9301FP
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Final
9
Version: DM9301FP-DS-F03
June 06, 2007
Diagnostic Port Interface (Continued)
49
FRCFXSD
I
Force FX Signal Detect
Forces the DM9301FP FX interface Signal Detect true
Initiated at an H/W reset. Active high.
38
TPEN
I
Test Port Enable:
Enables the DM9301FP Test Port features.
Initiated at an H/W reset. Active high.
87
TPMUX
I
Test Port Mux:
Controls the DM9301FP
Test Port Input and Output
 
bits. A value of zero indicates the TX interface and a
value of one indicates the FX interface. TPEN must be
true (one) for this signal to take effect.
Initiated at an H/W reset. Active high.
41
BPSCRAM
I
Bypass Scrambler:
Controls the DM9301FP
TX interface Scrambler/De
 
-
scrambler function. A value of zero indicates to
scramble and de-scramble the TX interface
5
 
-bit
symbol data to and from the FX interface. A value of one
bypasses the scrambler/de-scrambler function.
Initiated at an H/W reset. Active high.
Power and Ground Pins :
The power (VCC) and ground (GND) pins of the DM9301FP are grouped in pairs of two categories - Digital
Circuitry Power/Ground Pairs and Analog Circuitry Power/Ground Pair.
Group A - Digital Supply Pairs
33, 42, 50, 53,
63, 68, 72, 78,
82, 90, 98
DGND
P
Digital Logic Ground.
37, 46, 51, 56,
66, 75, 81, 86,
94
DVCC
P
Digital Logic power supply
Group B - Analog Circuit Supply Pairs
5, 6, 11, 12, 16,
17, 20, 29, 32,
99, 100,
AGND
P
Analog circuit ground
3, 4, 7, 10, 15,
21, 26, 31
AVCC
P
Analog circuit power supply


Similar Part No. - DM9301FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9301F ETC-DM9301F Datasheet
125Kb / 22P
   100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Davicom Semiconductor, ...
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
   100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results

Similar Description - DM9301FP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
   100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
List of Unclassifed Man...
DM9301 ETC-DM9301 Datasheet
125Kb / 22P
   100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Davicom Semiconductor, ...
DM9332EP DAVICOM-DM9332EP Datasheet
68Kb / 2P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9302EP DAVICOM-DM9302EP Datasheet
59Kb / 2P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter with Local bus
DM9302 DAVICOM-DM9302 Datasheet
406Kb / 64P
   10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
DM9331AE DAVICOM-DM9331AE Datasheet
75Kb / 2P
   100 Mbps Twisted Pair/Fiber Ethernet Media Converter Chip
logo
Level One
LXT902 LVL1-LXT902 Datasheet
404Kb / 14P
   Ethernet Twisted-Pair Media Attachment Unit
logo
Micro Linear Corporatio...
ML6652 MICRO-LINEAR-ML6652_04 Datasheet
667Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto-Negotiation
ML6652 MICRO-LINEAR-ML6652 Datasheet
196Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com