Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS500GSJ35U Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part # TS500GSJ35U
Description  Works with all 3.5??SATA hard drives
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS500GSJ35U Datasheet(HTML) 3 Page - Transcend Information. Inc.

  TS500GSJ35U Datasheet HTML 1Page - Transcend Information. Inc. TS500GSJ35U Datasheet HTML 2Page - Transcend Information. Inc. TS500GSJ35U Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T
T
TS
S
S0
0
0///5
5
50
0
00
0
0G
G
G///1
1
1///1
1
15
5
5T
T
TS
S
SJ
J
J3
3
35
5
5U
U
U
StoreJet
® 35 Ultra
Transcend Information Inc.
3
Specifications
Environment
Storage Media
3.5 inch SATA Hard Disk
Temperature
Operating
5 ℃ to 55 ℃
Storage
-20 ℃ to 60 ℃
Max. Transfer Speed
eSATA
3.0Gbits per second
USB 2.0
480Mbits per second
Power Supply
Switching Power
Adapter
AC input: 100V-240V
DC output: 12V 2A
Size (L x W x H)
197.50mm × 127.50mm × 48.00mm
Weight
Without Hard Drive
340g
With Hard Drive
1100g (Max.)
Certificates
CE, FCC, BSMI, C-Tick
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes
no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this
product. Transcend reserves the right to make changes in specifications at any time without prior notice.


Similar Part No. - TS500GSJ35U

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS500GSJ25C TRANSCEND-TS500GSJ25C Datasheet
106Kb / 3P
   SATA HDD Enclosure
TS500GSJ25F TRANSCEND-TS500GSJ25F Datasheet
364Kb / 2P
   External HDD
TS500GSJ25P TRANSCEND-TS500GSJ25P Datasheet
156Kb / 3P
   SATA HDD Enclosure
More results

Similar Description - TS500GSJ35U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MD03ACA-V TOSHIBA-MD03ACA-V Datasheet
1Mb / 2P
   Hard Disk Drives 2TB / 3TB / 4TB * 3.5-Inch / 7,200 RPM / SATA
logo
AAEON Technology
9741686004 AAEON-9741686004 Datasheet
167Kb / 1P
   Supports 3.5??SATA Interface Hard Disk
logo
Tripp Lite. All Rights ...
U339-004 TRIPPLITE-U339-004 Datasheet
168Kb / 4P
   4-Bay USB 3.0/eSATA to SATA Docking Station with Cloning, 2.5 in. to 3.5 in. SATA Hard Drives
logo
List of Unclassifed Man...
HE10 ETC2-HE10 Datasheet
303Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
US7K4000 ETC2-US7K4000 Datasheet
411Kb / 2P
   3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
USHE6 ETC2-USHE6 Datasheet
325Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
A7K2000 ETC2-A7K2000 Datasheet
930Kb / 2P
   3.5-Inch Enterprise 7200 RPM Hard Disk Drives
logo
Tripp Lite. All Rights ...
U338-06N-SATA-B TRIPPLITE-U338-06N-SATA-B Datasheet
169Kb / 3P
   USB 3.0 SuperSpeed to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, Black
U338-06N-SATA-W TRIPPLITE-U338-06N-SATA-W Datasheet
167Kb / 3P
   USB 3.0 SuperSpeed to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, White
U357002 TRIPPLITE-U357002 Datasheet
513Kb / 2P
   USB 3.0 SuperSpeed 2 Bay SATA Hard Drive RAID Enclosure w Fan for 3.5 and 2.5 drives
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com