Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS0MCF2PC Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part No. TS0MCF2PC
Description  CompactFlashTM Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRANSCEND [Transcend Information. Inc.]
Homepage  http://www.transcendusa.com
Logo 

TS0MCF2PC Datasheet(HTML) 2 Page - Transcend Information. Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
Pin
Pin
Pin
Pin
No.
Pin
Name No.
Pin
Name No.
Pin
Name No.
Pin
Name
01
VSS
14
A6
27
D11
40
NC
02
D3
15
A5
28
D12
41
RESET
03
D4
16
A4
29
D13
42
/WAIT
04
D5
17
A3
30
D14
43 /INPACK
05
D6
18
A2
31
D15
44
/REG
06
D7
19
A1
32
/CE2
45 LOGICH
07
/CE1
20
A0
33
VSS
46 STSCHG
08
A10
21
D0
34
/IORD
47
D8
09
/OE
22
D1
35
/IOWR
48
D9
10
A9
23
D2
36
/WE
49
D10
11
A8
24 /IOIS16 37
/IREQ
50
VSS
12
A7
25
VSS
38
VDD
13
VDD
26
VSS
39
CSEL
TS
S
S0
0
0M
M
MC
C
CF
F
F2
2
2P
P
PC
C
C
CompactFlash
TM Adapter
68Pins Pinouts
50Pins Pinins
Pin
Pin
Pin
Pin
No.
Pin
Name
No.
Pin
Name No.
Pin
Name
No.
Pin
Name
01
GND
18
RFU
35
GND
52
RFU
02
D3
19
RFU
36
/CD1
53
RFU
03
D4
20
RFU
37
D11
54
RFU
04
D5
21
RFU
38
D12
55
RFU
05
D6
22
A7
39
D13
56
RFU
06
D7
23
A6
40
D14
57
RFU
07
/CE1
24
A5
41
D15
58
RST
08
A10
25
A4
42
/CE2
59
/WAIT
09
/OE
26
A3
43
RFU
60
RFU
10
RFU
27
A2
44
/IORD
61
/REG
11
A9
28
A1
45
/IOWR
62
SPKR
12
A8
29
A0
46
RFU
63
/STSG
13
RFU
30
D0
47
RFU
64
D8
14
RFU
31
D1
48
RFU
65
D9
15
/WE
32
D2
49
RFU
66
D10
16
/IRQ
33
/IO16
50
RFU
67
/CD2
17
VDD
34
GND
51
VDD
68
GND
Recommended Operating Conditions
Parameter
Min.
Typical
Max.
Power Supply Voltage (VDD)
4.5V
5V
5.5V
Operating Temperature
0℃
70℃
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
Transcend Information Inc.
2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn