Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS0MCF2PC Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part No. TS0MCF2PC
Description  CompactFlashTM Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRANSCEND [Transcend Information. Inc.]
Homepage  http://www.transcendusa.com
Logo 

TS0MCF2PC Datasheet(HTML) 1 Page - Transcend Information. Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T
T
TS
S
S0
0
0M
M
MC
C
CF
F
F2
2
2P
P
PC
C
C
CompactFlash
TM Adapter
Description
TS0MCF2PC is a simple little CompactFlash
TM adapter
that
takes
your
TYPE
I
CompactFlash
TM
card
and makes it compatible with a standard Type
II PCMCIA slot. When installed, the CompactFlash
TM
card acts like
a small disk, using the high throughput of the PCMCIA
bus
to
make
CompactFlash
TM
transfers
a
quick
and painless procedure.
System Requirements
• Desktop or notebook computer with PCMCIA host
connector
Placement
Features
• Converts Type I CompactFlashTM Card into Type II PC Card
format
• Maintains full functionality of CompactFlashTM Card with no
degradation in performance
• Use in any Notebook or PC Card Drive
• 100% CFA compliant
• High capacity, low power, high speed
• True plug and play operation, transfer your data quickly and
easily.
• Operation : 40oC/10~95% Rel. humidity
• Storage : 40oC/95% Rel. humidity
Dimensions
Side
Millimeters
Inches
A
85.60
± 0.200
3.373
± 0.008
B
54.00
± 0.100
2.126
± 0.004
C
3.30
± 0.100
0.130
± 0.004
D
10.50
± 0.300
0.414
± 0.012
E
1.27
± 0.050
0.050
± 0.002
F
41.91
± 0.050
1.651
± 0.002
G
5.00
± 0.100
0.197
± 0.004
Pin Identification
Symbol
Function
D0 ~ D15
Data Bus (Bi-directional)
A0 ~ A10
Address Bus (Input)
/CE1, /CE2
Card Enable (Input)
/OE, /WE
Output / Write Enable (Input)
/REG
Register Select (Input)
/IORD, /IOWR
I/O access (Input)
/CD1, /CD2
Card Detect (Output)
/IRQ, /IO16, RST
/WAIT, SPRK, /STSG
I/O Handshaking (Input/Output)
RFU
Reserved for Future Use
VDD
+5V power input
Transcend Information Inc.
1


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn