Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS0GSJ35U Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part No. TS0GSJ35U
Description  Works with all 3.5” SATA hard drives
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRANSCEND [Transcend Information. Inc.]
Homepage  http://www.transcendusa.com
Logo 

TS0GSJ35U Datasheet(HTML) 2 Page - Transcend Information. Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T
T
TS
S
S0
0
0///5
5
50
0
00
0
0G
G
G///1
1
1///1
1
15
5
5T
T
TS
S
SJ
J
J3
3
35
5
5U
U
U
StoreJet
® 35 Ultra
Transcend Information Inc.
2
Block Diagram
System Requirements
HOST (PC / NB)
USB
eSATA
StoreJet
® 35 Ultra
3.5" HDD
SATA
(SATA II PHY)
SATA
USB
(USB PHY)
eSATA
(SATA II PHY)
• Desktop computer with a working eSATA or USB port.
One of the following operating systems:
Windows
® 2000 / XP /Vista/ 7
Mac
® OS 9.0, or later (USB only)
Mac
® OS 10.4, or later (eSATA)
Linux
® Kernel 2.4, or later (USB only)
Pinouts (USB)
Pin No.
Pin Name
01
VCC
02
USB-
03
USB+
04
VSS
Pin Identification (USB)
Symbol
Function
USB-
USB+
USB differential signal
The pairs are used to transmit
Data/Address/Command
VCC
USB Cable Power Detector
VSS
Ground
Ordering Information
Device
Description
Capacity
Transcend P/N
StoreJet 35 Ultra
0GB
TS0GSJ35U
StoreJet 35 Ultra
500GB
TS500GSJ35U
StoreJet 35 Ultra
1TB
TS1TSJ35U
StoreJet 35 Ultra
1.5TB
TS15TSJ35U


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn