Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS0GSJ35U Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part No. TS0GSJ35U
Description  Works with all 3.5” SATA hard drives
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRANSCEND [Transcend Information. Inc.]
Homepage  http://www.transcendusa.com
Logo 

TS0GSJ35U Datasheet(HTML) 1 Page - Transcend Information. Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T
T
TS
S
S0
0
0///5
5
50
0
00
0
0G
G
G///1
1
1///1
1
15
5
5T
T
TS
S
SJ
J
J3
3
35
5
5U
U
U
StoreJet
® 35 Ultra
Transcend Information Inc.
1
Description
Placement
Transcend’s StoreJet
®
35 Ultra. This advanced,
eSATA / USB 2.0 external storage device is the perfect
way to add an extra hard drive to your computer for
downloading, storing, transferring and backing up your
data. With both eSATA and USB 2.0 connection
options, the StoreJet
® 35 Ultra gives you the ultimate in
flexibility. The USB interface provides maximum
compatibility with all types of notebooks and PCs, while
the new high-speed eSATA interface gives you the
maximum performance possible from your drive with
transfer speeds up to 3.0Gbps. The StoreJet
® 35 Ultra
also has silent 80mm fan that keeps your drive running
cool. This device is designed to expedite exchanging
huge amounts of data between Transcend StoreJet
®
and any desktop or notebook computer.
Features
Works with all 3.5” SATA hard drives
Two connection options: eSATA or USB2.0
eSATA for maximum performance up to 3.0Gb/s
USB2.0 interface assures universal compatibility
Silent 80mm cooling fan reduces risk of HDD failure
Dimensions
External power adapter and eSATA cable included
Includes StoreJet® elite backup software
Hot-swappable / Plug and Play
Stylish aluminum housing
• Anti-slip vertical stand
Side
Millimeters
Inches
A
197.50
± 0.20
7.776
± 0.008
B
127.50
± 0.20
5.020
± 0.008
C
48.00
± 0.20
1.890
± 0.008
• LED indicator light


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn