Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9161BI Datasheet(PDF) 30 Page - Davicom Semiconductor, Inc.

Part # DM9161BI
Description  Industrial-grade 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161BI Datasheet(HTML) 30 Page - Davicom Semiconductor, Inc.

Back Button DM9161BI Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 34Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
DM9161BI
Industrial-grade 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Preliminary
30
Version: DM9161BI-12-DS-P01
July 16, 2008
8.9 DAVICOM Specified Configuration and Status Register (DSCSR) - 17
Bit
Bit Name
Default
Description
17.15
100FDX
1, RO
100M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this
bit is 1, it means the operation 1 mode is a 100M full duplex mode. The
software can read bit [15:12] to see which mode is selected after
auto-negotiation. This bit is invalid when it is not in the auto-negotiation
mode
17.14
100HDX
1, RO
100M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this
bit is 1, it means the operation 1 mode is a 100M half duplex mode. The
software can read bit [15:12] to see which mode is selected after
auto-negotiation. This bit is invalid when it is not in the auto-negotiation
mode
17.13
10FDX
1, RO
10M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this
bit is 1, it means the operation 1 mode is a 10M Full Duplex mode. The
software can read bit [15:12] to see which mode is selected after
auto-negotiation. This bit is invalid when it is not in the auto-negotiation
mode
17.12
10HDX
1, RO
10M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this
bit is 1, it means the operation 1 mode is a 10M half duplex mode. The
software can read bit [15:12] to see which mode is selected after
auto-negotiation. This bit is invalid when it is not in the auto-negotiation
mode
17.11-17.
9
Reserved
0, RO
Reserved
Read as 0, ignore on write
17.8-17.4 PHYADR[4
:0]
(PHYADR),
RW
PHY Address Bit 4:0
The first PHY address bit transmitted or received is the MSB of the address
(bit 4). A station management entity connected to multiple PHY entities
must know the appropriate address of each PHY
17.3-17.0 ANMB[3:0]
0, RO
Auto-negotiation Monitor Bits
These bits are for debug only. The auto-negotiation status will be written to
these bits
Auto-negotiation Monitor Bits
These bits are for debug only. The auto-negotiation status will be written to
these bits.
b3 b2 b1 B0
0
0
0
0
In IDLE state
0
0
0
1
Ability match
0
0
1
0
Acknowledge match
0
0
1
1
Acknowledge match fail
0
1
0
0
Consistency match
0
1
0
1
Consistency match fail
0
1
1
0
Parallel detects signal_link_ready
17.3-17.0 ANMB[4:0]
0, RO
0
1
1
0
1
0
1
0
Parallel detects signal_link_ready fail
Auto-negotiation completed successfully


Similar Part No. - DM9161BI

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results

Similar Description - DM9161BI

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9161CI DAVICOM-DM9161CI_1 Datasheet
106Kb / 2P
   Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
   10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161CI DAVICOM-DM9161CI Datasheet
696Kb / 47P
   Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com