Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-7110VWG Datasheet(PDF) 6 Page - Optoway Technology Inc

Part # SPS-7110VWG
Description  1310 nm / 1.5 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-7110VWG Datasheet(HTML) 6 Page - Optoway Technology Inc

  SPS-7110VWG Datasheet HTML 1Page - Optoway Technology Inc SPS-7110VWG Datasheet HTML 2Page - Optoway Technology Inc SPS-7110VWG Datasheet HTML 3Page - Optoway Technology Inc SPS-7110VWG Datasheet HTML 4Page - Optoway Technology Inc SPS-7110VWG Datasheet HTML 5Page - Optoway Technology Inc SPS-7110VWG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Optoway
SPS-7110VWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2008 V1.0
6
REVISION HISTORY
Version
Subject
Release Date
1.0
Initial datasheet
2008/10/1


Similar Part No. - SPS-7110VWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110VWG OPTOWAY-SPS-7110VWG Datasheet
166Kb / 6P
   1.5 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-7110VWG OPTOWAY-SPS-7110VWG_15 Datasheet
166Kb / 6P
   1.5 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-7110VWG_2015 OPTOWAY-SPS-7110VWG_2015 Datasheet
166Kb / 6P
   1.5 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
More results

Similar Description - SPS-7110VWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110VG OPTOWAY-SPS-7110VG Datasheet
172Kb / 6P
   1310 nm / 1.5 Gb/s Medium Power SMVideo SFP Transceiver
SPS-9310VW-CXX0G_2015 OPTOWAY-SPS-9310VW-CXX0G_2015 Datasheet
177Kb / 6P
   3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9380VW-CXX0G OPTOWAY-SPS-9380VW-CXX0G_15 Datasheet
177Kb / 6P
   3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9330VW-CXX0G OPTOWAY-SPS-9330VW-CXX0G_15 Datasheet
177Kb / 6P
   3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9380VW-CXX0G_2015 OPTOWAY-SPS-9380VW-CXX0G_2015 Datasheet
177Kb / 6P
   3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9350VW-CXX0G OPTOWAY-SPS-9350VW-CXX0G_15 Datasheet
177Kb / 6P
   3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9310VW-CXX0G OPTOWAY-SPS-9310VW-CXX0G_15 Datasheet
177Kb / 6P
   3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9350VW-CXX0G_2015 OPTOWAY-SPS-9350VW-CXX0G_2015 Datasheet
177Kb / 6P
   3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9330VW-CXX0G_2015 OPTOWAY-SPS-9330VW-CXX0G_2015 Datasheet
177Kb / 6P
   3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPB-9110LVW-T5R3G OPTOWAY-SPB-9110LVW-T5R3G Datasheet
147Kb / 6P
   1550 nm TX / 1310 nm RX / 3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com