Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9103EP Datasheet(PDF) 17 Page - Davicom Semiconductor, Inc.

Part # DM9103EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9103EP Datasheet(HTML) 17 Page - Davicom Semiconductor, Inc.

Back Button DM9103EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
DM9103
3-port switch with PCI Interface
Preliminary datasheet
17
DM9103-DS-P02
September 26, 2007
6. Register Set
6.1 PCI Configuration Registers
The definitions of PCI Configuration Registers are based on
the PCI specification revision 2.2 and it provides the
initialization and configuration information to operate the PCI
interface in the DM9103. All registers can be accessed with
byte, word, or double word mode. As defined in PCI
specification
2.1,
read
accesses
to
reserve
or
unimplemented registers will return a value of “0.” These
registers are to be described in the following sections.
The default value of PCI configuration registers after reset.
Description
Identifier
Address Offset
Value of Reset
Identification
PCIID
00H
90131282H
Command & Status
PCICS
04H
02100000H*
Revision
PCIRV
08H
02000010H
Miscellaneous
PCILT
0CH
BIOS determine
I/O Base Address
PCIIO
10H
System allocate
Memory Base Address
PCIMEM
14H
System allocate
Reserved
--------
18H - 28H
00000000H
Subsystem Identification
PCISID
2CH
load from EEPROM
Reserved
--------
30H
00000000H
Capabilities Pointer
Cap _Ptr
34H
00000050H
Reserved
--------
38H
00000000H
Interrupt & Latency
PCIINT
3CH
System allocate bit7~0
Device Specific Configuration Register
PCIUSR
40H
00000000H**
Power Management Register
PCIPMR
50H
C0310001H**
Power Management Control & Status
PMCSR
54H
00000100H
* It is written to 02100007H by most BIOS.
** It may be changed from EEPROM in application.
Key to Default
In the register description that follows, the default column
takes the form <Reset Value>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
<Access Type>:
RO = Read only
RW = Read/Write
R/C: means Read / Write & Write "1" for Clear.


Similar Part No. - DM9103EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9103EP DAVICOM-DM9103EP Datasheet
46Kb / 2P
   Three Port Ethernet Switch Controller with PCI Interface
More results

Similar Description - DM9103EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
   10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9016 DAVICOM-DM9016 Datasheet
513Kb / 85P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
   10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
DM8203 DAVICOM-DM8203 Datasheet
441Kb / 63P
   10/100 Mbps 2-port Ethernet Switch Controller With MII / RMII Interface
DM9006 DAVICOM-DM9006 Datasheet
465Kb / 76P
   10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9003 DAVICOM-DM9003 Datasheet
443Kb / 65P
   10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
logo
List of Unclassifed Man...
ADM6926 ETC1-ADM6926 Datasheet
4Mb / 85P
   26 port 10/100 Mbps Ethernet Switch Controller
logo
Infineon Technologies A...
ADM6918 INFINEON-ADM6918 Datasheet
10Mb / 124P
   18 port 10/100 Mbps Ethernet Switch Controller
Data Sheet, Rev 1.01, Nov. 2005
logo
Davicom Semiconductor, ...
DM9103EP DAVICOM-DM9103EP Datasheet
46Kb / 2P
   Three Port Ethernet Switch Controller with PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com