Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9103 Datasheet(PDF) 15 Page - Davicom Semiconductor, Inc.

Part # DM9103
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9103 Datasheet(HTML) 15 Page - Davicom Semiconductor, Inc.

Back Button DM9103 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 19Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
DM9103
3-port switch with PCI Interface
Preliminary datasheet
15
DM9103-DS-P02
September 26, 2007
These two pins are the Twisted Pair receive in MDI
mode or transmit in MDIX mode.
95
BGRES
I/O
Bandgap Pin
Connect a 1.4K resistor to BGGND in application.
96
BGGND
P
Bandgap Ground
97
VCNTL
I/O
1.8V Voltage control
98
VREF
O
Voltage Reference
Connect a 0.1u capacitor to ground in application.
5.7 Miscellaneous Pins
Pin No.
Pin Name
I/O
Description
53
PWRST#
I
Power on Reset
Low active with minimum 1ms
76
TEST1
I,PD Tie to high in application
77
TEST2
I,PD 0: 3-port mode
All ports are active in this mode.
1: 2-port mode
Only 2 ports are active in this mode. Port 1 or port 2
can be disabled by strap TXEN2. In this mode, the
memory resource is shared by PCI bus port and the
other 2 ports.
78
TEST3
I,PD Tie to ground in application
5.8 Power Pins
Pin No.
Pin Name
I/O
Description
4,18,32,40,48,62,75,100
VCC3
P
Digital 3.3V
24,57,120
VCCI
P
Internal 1.8V core power
11,21,27,35,45,
54,69,103,125
GND
P
Digital GND
86,94,99
AVDD3
P
Analog 3.3V power
79,87
AVDDI
P
Analog 1.8V power
82,83,90,91
AGND
P
Analog GND


Similar Part No. - DM9103

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9103EP DAVICOM-DM9103EP Datasheet
46Kb / 2P
   Three Port Ethernet Switch Controller with PCI Interface
More results

Similar Description - DM9103

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
   10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9016 DAVICOM-DM9016 Datasheet
513Kb / 85P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
   10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
DM8203 DAVICOM-DM8203 Datasheet
441Kb / 63P
   10/100 Mbps 2-port Ethernet Switch Controller With MII / RMII Interface
DM9006 DAVICOM-DM9006 Datasheet
465Kb / 76P
   10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9003 DAVICOM-DM9003 Datasheet
443Kb / 65P
   10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
logo
List of Unclassifed Man...
ADM6926 ETC1-ADM6926 Datasheet
4Mb / 85P
   26 port 10/100 Mbps Ethernet Switch Controller
logo
Infineon Technologies A...
ADM6918 INFINEON-ADM6918 Datasheet
10Mb / 124P
   18 port 10/100 Mbps Ethernet Switch Controller
Data Sheet, Rev 1.01, Nov. 2005
logo
Davicom Semiconductor, ...
DM9103EP DAVICOM-DM9103EP Datasheet
46Kb / 2P
   Three Port Ethernet Switch Controller with PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com