Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9081FP Datasheet(PDF) 5 Page - Davicom Semiconductor, Inc.

Part # DM9081FP
Description  10BASE-T Hub Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9081FP Datasheet(HTML) 5 Page - Davicom Semiconductor, Inc.

  DM9081FP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DM9081
10BASE-T Hub Controller
Final
5
Version: DM9081-DS-F02
February 02, 2001
Pin Description
Pin No.
Pin Name
I/O
Description
Miscellaneous
3, 4, 9,
30, 40,
50, 83, 93
DVDD
P
Digital Power
14, 21,
35, 45,
88, 98
DGND
P
Digital Ground
18
RESET#
I
Active low to reset the internal logic of DM9081. It should be
synchronized to X2 if multiple DM9081s
are used
20, 19
TESTPIN0
TESTPIN1
I
These two pins are used to select LED display mode. Normal mode is
selected if both pins are connected to VDD. Minimum mode is selected
if both pins are connected to GND. Other settings are prohibited
26, 29
NC
-
These pins should be left open
27
X2
I
A 20MHz oscillator or crystal should be attached to this pin
28
X1
O
This pin is used in crystal connection only. It is left open when using an
oscillator
67, 81
AVDD
P
Analog Power
68, 82
AGND
P
Analog Ground
LED Display Pins
5
LED_LATCH
(LI/RX7)
O
This pin is used to latch the serial LED information from pins 6 to 13
In minimum mode, this pin sends out TP7 Link and Carrier Sense
status
6
AUI_LED
(LI/RX6)
O
This pin transmits AUI port status synchronous to TCK
In minimum mode, this pin sends out TP6 Link and Carrier Sense
status
7
TP_BIT_LED
(LI/RX5)
O
This pin sends out global bit rate error status of the DM9081 Hub
In minimum mode, this pin sends out TP5 Link and Carrier Sense
status
8
TP_POL_LED
(LI/RX4)
O
In minimum mode, this pin sends out TP4 Link and Carrier Sense
status
10
TP_JAB_LED
(LI/RX3)
O
This pin transmits global jabber status of the DM9081 Hub
In minimum mode, this pin sends out TP3 Link and Carrier Sense
status
11
TRAFFIC_LED
(LI/RX2)
O
This pin sends out utilization of 10MHz bandwidth synchronous to TCK
In minimum mode, this pin sends out TP2 Link and Carrier Sense
status
12
TP_PAR_LED
(LI/RX1)
O
This pin sends out the partition status synchronous to TCK for the eight
TP ports
In minimum mode, this pin sends out TP1 Link and Carrier Sense
status
13
TP_LINK_LED
(LI/RX0)
O
This pin sends out the link and carrier sense status synchronous to
TCK for the eight TP ports
In minimum mode, this pin sends out TP0 Link and Carrier Sense
status
15
AUI1_CRS_LED
O
Active low for 52ms when AUI Port 1 detects carrier
16
AUI2_CRS_LED
O
Active low for 52ms when AUI Port 2 detects carrier
17
COL_LED
O
Active low for 26ms when collision is detected
25
TCK
O
A 10MHz clock synchronous to X2


Similar Part No. - DM9081FP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9081FP DAVICOM-DM9081FP Datasheet
38Kb / 2P
   10BASE-T Hub Controller
More results

Similar Description - DM9081FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9081 ETC-DM9081 Datasheet
188Kb / 22P
   10BASE-T Hub Controller
logo
Davicom Semiconductor, ...
DM9081FP DAVICOM-DM9081FP Datasheet
38Kb / 2P
   10BASE-T Hub Controller
logo
PCA ELECTRONICS INC.
EPE6066 PCA-EPE6066 Datasheet
171Kb / 1P
   10Base-T Hub Module
logo
Level One
LXT917 LVL1-LXT917 Datasheet
3Mb / 42P
   Multi-Port Hub Repeaters for Managed 10BASE-T Applications
logo
PCA ELECTRONICS INC.
EPE6066 PCA-EPE6066_15 Datasheet
171Kb / 1P
   10Base-T Hub Module with Enhanced CMA and Resistor Network
logo
Fujitsu Component Limit...
MB86965B FUJITSU-MB86965B Datasheet
22Kb / 2P
   EtherCoupler ETHERNET CONTROLLER WITH 10BASE-T TRANSCEIVER
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
   10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
   10BASE-T Transceiver
logo
XFMRS Inc.
XF2006BR XFMRS-XF2006BR Datasheet
57Kb / 1P
   10BASE-T FILTER
XF20062C XFMRS-XF20062C Datasheet
65Kb / 1P
   10BASE-T FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com