Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9081F Datasheet(PDF) 11 Page - Davicom Semiconductor, Inc.

Part # DM9081F
Description  10BASE-T Hub Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9081F Datasheet(HTML) 11 Page - Davicom Semiconductor, Inc.

Back Button DM9081F Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9081F Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9081F Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9081F Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9081F Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9081F Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9081F Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9081F Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9081F Datasheet HTML 15Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DM9081
10BASE-T Hub Controller
Final
11
Version: DM9081-DS-F02
February 02, 2001
AUI Ports Status
The AUI_LED pin transmits the status of DM9081's
two AUI ports on the falling edge of TCK. Figure 5
shows a typical external hardware setup employed to
convert a serial bit stream into parallel form. The
accuracy of the AUI signals is within 8 Bit Times (BT).
The contents of the output data for the AUI_LED are
as followed:
Bit 0: AUI port 1 partition status (0: if partition)
Bit 1: AUI port 1 bit rate error status (0: if bit rate
error)
Bit 2: AUI port 1 jabber status (0: if jabber)
Bit 3: AUI port 1 loopback status (0: if loopback error)
Bit 4: AUI port 2 partition status (0: if partition)
Bit 5: AUI port 2 bit rate error status (0: if bit rate
error)
Bit 6: AUI port 2 jabber status (0: if jabber)
Bit 7: AUI port 2 loopback status (0: if loopback error)
TP Ports Bit Rate Error Status
The TP_BIT_LED pin sends out global bit rate error
information of the DM9081's Hub.
TP Ports Jabber Status
The TP_JAB_LED pin sends out global jabber
information of the DM9081's Hub.
TP Ports Partition Status
The TP_PAR_LED pin transmits partition information
for the DM9081's eight TP ports on the falling edge of
TCK. Figure 4 shows a typical external hardware
configuration employed to convert the serial bit
stream into parallel form. The accuracy of the
partition signals is 8 bit. If a TP port is in partition
status, its corresponding bit is set to low. The
contents of the output data for the TP_PAR_LED are
as followed:
Bit 0: TP port 0 partition status
Bit 1: TP port 1 partition status
Bit 2: TP port 2 partition status
Bit 3: TP port 3 partition status
Bit 4: TP port 4 partition status
Bit 5: TP port 5 partition status
Bit 6: TP port 6 partition status
Bit 7: TP port 7 partition status
Traffic Status
The TRAFFIC_LED pin transmits a utilization report
for the 10MHz bandwidth on the falling edge of TCK.
Figure 4 shows a typical external hardware
configuration employed to convert the serial bit
stream into parallel form. The accuracy of the traffic
signals is 8 bit. The corresponding bit is set to low, if
the following conditions are met. The contents of the
output data for the TRAFFIC_LED are as followed:
Bit 0: Over 1% utilization of 10MHz bandwidth
Bit 1: Over 6.25% utilization of 10MHz bandwidth
Bit 2: Over 12.5% utilization of 10MHz bandwidth
Bit 3: Over 25% utilization of 10MHz bandwidth
Bit 4: Over 37.5% utilization of 10MHz bandwidth
Bit 5: Over 50% utilization of 10MHz bandwidth
Bit 6: Over 62.5% utilization of 10MHz bandwidth
Bit 7: Over 87.5% utilization of 10MHz bandwidth
As shown above, if all 8 bits are active low, the
utilization is in excess of 87.5% for the 10MHz
bandwidth.
TP Ports Link Status
The TP_LINK_LED transmits link information for the
DM9081's eight TP ports on the falling edge of TCK.
Figure 5 shows a typical external hardware
configuration employed to convert the serial bit
stream into parallel form. The accuracy of the link
signals is within 8 bit. If a TP port is line fail, its
corresponding bit is set to high. If a TP port is line
pass, its corresponding bit is set to low. When this
port receives a packet, its corresponding bit is set
high for 78ms, then driven low at least 52ms until it
responds to the next packet. The contents of the
output data for the TP_LINK_LED are as followed:
Bit 0: TP port 0 link/receive status
Bit 1: TP port 1 link/receive status
Bit 2: TP port 2 link/receive status
Bit 3: TP port 3 link/receive status
Bit 4: TP port 4 link/receive status
Bit 5: TP port 5 link/receive status
Bit 6: TP port 6 link/receive status
Bit 7: TP port 7 link/receive status


Similar Part No. - DM9081F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9081F ETC-DM9081F Datasheet
188Kb / 22P
   10BASE-T Hub Controller
logo
Davicom Semiconductor, ...
DM9081F DAVICOM-DM9081F Datasheet
38Kb / 2P
   10BASE-T Hub Controller
DM9081FP DAVICOM-DM9081FP Datasheet
38Kb / 2P
   10BASE-T Hub Controller
More results

Similar Description - DM9081F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9081 ETC-DM9081 Datasheet
188Kb / 22P
   10BASE-T Hub Controller
logo
Davicom Semiconductor, ...
DM9081FP DAVICOM-DM9081FP Datasheet
38Kb / 2P
   10BASE-T Hub Controller
logo
PCA ELECTRONICS INC.
EPE6066 PCA-EPE6066 Datasheet
171Kb / 1P
   10Base-T Hub Module
logo
Level One
LXT917 LVL1-LXT917 Datasheet
3Mb / 42P
   Multi-Port Hub Repeaters for Managed 10BASE-T Applications
logo
PCA ELECTRONICS INC.
EPE6066 PCA-EPE6066_15 Datasheet
171Kb / 1P
   10Base-T Hub Module with Enhanced CMA and Resistor Network
logo
Fujitsu Component Limit...
MB86965B FUJITSU-MB86965B Datasheet
22Kb / 2P
   EtherCoupler ETHERNET CONTROLLER WITH 10BASE-T TRANSCEIVER
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
   10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
   10BASE-T Transceiver
logo
XFMRS Inc.
XF2006BR XFMRS-XF2006BR Datasheet
57Kb / 1P
   10BASE-T FILTER
XF20062C XFMRS-XF20062C Datasheet
65Kb / 1P
   10BASE-T FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com